Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7443082012 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7443082012
Description  WE-HCM SMD High Current Flat Wire Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443082012 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443082012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082012 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082012 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082012 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
BD
DIN ISO 2768-1m
DESCRIPTION
WE-HCM SMD High Current Flat
Wire Inductor
ORDER CODE
7443082012
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1088
001.000
Valid
2017-11-01
eiSos
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7443082012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443082012B WURTH-7443082012B Datasheet
660Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
003.003
More results

Similar Description - 7443082012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082017 WURTH-7443082017 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744308033 WURTH-744308033_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305040 WURTH-744305040_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082010 WURTH-7443082010 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082022 WURTH-7443082022 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082015A WURTH-7443082015A Datasheet
420Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305022 WURTH-744305022_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082018A WURTH-7443082018A Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com