Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2CP1027 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE2CP1027
Description  90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 150 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1027 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE2CP1027 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1027 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 150 Watts
PE2CP1027
CAD Drawing
PE2CP1027 REV 1.0


Similar Part No. - PE2CP1027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1020 PASTERNACK-PE2CP1020 Datasheet
349Kb / 3P
   Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 1000 Watts
PE2CP1021 PASTERNACK-PE2CP1021 Datasheet
353Kb / 3P
   Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
   90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1023-10 PASTERNACK-PE2CP1023-10 Datasheet
417Kb / 6P
   Directional 10 dB N Coupler From 800 MHz to 2.5 GHz Rated to 60 Watts
PE2CP1023-20 PASTERNACK-PE2CP1023-20 Datasheet
428Kb / 6P
   Directional 20 dB N Coupler From 800 MHz to 2.5 GHz Rated to 60 Watts
More results

Similar Description - PE2CP1027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1026 PASTERNACK-PE2CP1026 Datasheet
517Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 50 Watts
PE2CP1039 PASTERNACK-PE2CP1039 Datasheet
557Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 800 Watts
PE2CP1028 PASTERNACK-PE2CP1028 Datasheet
532Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 80 MHz to 1,000 MHz Rated to 250 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1038 PASTERNACK-PE2CP1038 Datasheet
458Kb / 4P
   90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated to 400 Watts
PE2CP1029 PASTERNACK-PE2CP1029 Datasheet
535Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 100 MHz to 500 MHz Rated to 150 Watts
PE2CP1040 PASTERNACK-PE2CP1040 Datasheet
531Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 150 Watts
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
PE2CP1035 PASTERNACK-PE2CP1035 Datasheet
449Kb / 5P
   90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 400 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com