Electronic Components Datasheet Search |
|
CT-38SX4C-M Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated |
|
CT-38SX4C-M Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated |
1 / 14 page © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCT-38S/CT-38S Page 1 CCT-38S\CT-38S\082013\Q3 Series CCT-38S/CT-38S Multi-Throw DC–18 GHz/DC-22 GHz Normally Open Coaxial Switch COAX SWITCHES ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature Commercial Model, CCT-38S Elite Model, CT-38S –40°C to 65°C –55°C to 85°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life Actuator Life w/ Additional Features 5,000,000 cycles 1,000,000 cycles Connector Type SMA Humidity (Moisture Seal) Available Weight 6 oz. (170.1g) (max.) PERFORMANCE CHARACTERISTICS Frequency DC–4 GHz 4–8 GHz 8–12 GHz 12–16 GHz 16-20 GHz 20-22 GHz Insertion Loss, dB, max. 0.1 0.2 0.2 0.3 0.3 0.4 Isolation, dB, min. 80 80 80 80 75 70 VSWR , max. 1.05:1 1.1:1 1.2:1 1.2:1 1.2:1 1.2:1 PART NUMBER DESCRIPTION CCT-38S Commercial Normally Open Multi-throw, DC-18GHz CT-38S Elite Normally Open Multi-throw, DC-22GHz The CCT-38S/CT-38S is an internally terminated, broadband, multi-throw, electromechanical coaxial switch designed to switch a microwave signal from a common input to any of 3, 4, 5, or 6 outputs. The characteristic impedance is 50 Ohms. Internal terminations provide an impedance match for the unselected ports. The switches are small using the popular connector spacing on a 1.062” dia. circle. Each position has an individual actuator mechanism allowing random position selection. This also minimizes switching time. The CCT-38S/CT-38S comes with a normally open actuator. For the normally open actuator, all ports are terminated in 50 Ohms, except the common input port which is open when the switch is de-energized. ELECTRICAL CHARACTERISTICS Form Factor Multi-Throw,, break before make Frequency Range CCT-38S CT-38S DC–18 GHz DC–22 GHz Characteristic Impedance 50 Ohms Terminations 50Ω, 2 Watts CW max. Operate Time 15 ms (max.) Release Time 15 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 420 350 250 200 mA PART NUMBERING SYSTEM For additional options, please contact factory. Actuator Voltage CCT-38 S 1 6 C - T ** Series Connectors Actuator Type Options Number of Positions * D-Sub Connector may be 9 or 15 pin depending on number of throws. (See Connector Pinout page) CONNECTOR ACTUATOR VOLTAGE NUMBER OF POSITIONS ACTUATOR TYPE OPTIONS S : SMA FEMALE 1: 28 VDC NORMALLY OPEN 3: SP3T 0 : NO INDICATOR CONTACTS T : TTL DRIVERS WITH DIODES 2: 15 VDC NORMALLY OPEN 4: SP4TC : INDICATOR CONTACTS D : COIL TRANSIENT SUPPRESSION DIODES 3: 12 VDC NORMALLY OPEN 5: SP5TR : POSITIVE + COMMON 4: 24 VDC NORMALLY OPEN 6: SP6TTD : DECODERS AND TTL DRIVERS WITH DIODES **SEE PARTS LIST ON PAGE 12-14 M : MOISTURE SEAL S : D-SUB CONNECTOR* |
Similar Part No. - CT-38SX4C-M |
|
Similar Description - CT-38SX4C-M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |