Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V34003 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE1V34003
Description  Voltage Controlled Oscillator (VCO) From 38.4 GHz to 43.2 GHz, Phase Noise of -98 dBc/Hz and 2.4mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V34003 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE1V34003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V34003 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
0
500
1000
1500
2000
2500
3000
0
2
4
6
8
10
12
14
Tuning Voltage (V)
Tuning Sensitivity
0
2
4
6
8
10
12
14
16
18
20
32
33.4
34.8
36.2
37.6
39
40.4
41.8
43.2
44.6
46
Frequency (GHz)
Output Power vs Tuning Voltage
-55C
+25C
+85C
PE1V34003 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Voltage Controlled Oscillator (VCO) From 38.4 GHz to 43.2 GHz, Phase Noise of -98 dBc/Hz
and 2.4mm PE1V34003
Voltage Control Oscillators Technical Data Sheet
PE1V34003
Voltage Controlled Oscillator (VCO) From 38.4 GHz to
43.2 GHz, Phase Noise of -98 dBc/Hz and 2.4mm


Similar Part No. - PE1V34003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V34000 PASTERNACK-PE1V34000 Datasheet
477Kb / 7P
   Voltage Controlled Oscillator (VCO) From 4 GHz to 8 GHz, Phase Noise of -95 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
   Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
PE1V34002 PASTERNACK-PE1V34002 Datasheet
480Kb / 7P
   Voltage Controlled Oscillator (VCO) From 8 GHz to 12.5 GHz, Phase Noise of -83 dBc/Hz and SMA
More results

Similar Description - PE1V34003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V34000 PASTERNACK-PE1V34000 Datasheet
477Kb / 7P
   Voltage Controlled Oscillator (VCO) From 4 GHz to 8 GHz, Phase Noise of -95 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
   Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
PE1V31011 PASTERNACK-PE1V31011 Datasheet
490Kb / 6P
   Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
PE1V31012 PASTERNACK-PE1V31012 Datasheet
432Kb / 5P
   Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and SMA
PE1V34002 PASTERNACK-PE1V34002 Datasheet
480Kb / 7P
   Voltage Controlled Oscillator (VCO) From 8 GHz to 12.5 GHz, Phase Noise of -83 dBc/Hz and SMA
PE1V31013 PASTERNACK-PE1V31013 Datasheet
482Kb / 6P
   Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz, Phase Noise of -81 dBc/Hz and SMA
PE1V14010 PASTERNACK-PE1V14010_16 Datasheet
967Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz to 5.01 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14009 PASTERNACK-PE1V14009_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz to 4.35 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com