Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE1V34001 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part No. PE1V34001
Description  Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V34001 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE1V34001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Data
-120
-108
-96
-84
-72
-60
-48
-36
-24
-12
0
0
2
4
6
8
10
12
14
16
18
20
Offset Frequency (kHz)
Phase Noise vs. Tuning Voltage
100 kHz
10 kHZ
-120
-100
-80
-60
-40
-20
0
100
1,000
10,000
100,000
1,000,000
Offset Frequency (Hz)
Typical SSB Phase Noise
+25C
-40C
PE1V34001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and
SMA PE1V34001
Voltage Control Oscillators Technical Data Sheet
PE1V34001
Voltage Controlled Oscillator (VCO) From 5 GHz to
10 GHz, Phase Noise of -93 dBc/Hz and SMA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn