Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE1V34001 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part No. PE1V34001
Description  Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V34001 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE1V34001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V34001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Temperature Cycle
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Functional Block Diagram
PE1V34001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and
SMA PE1V34001
Voltage Control Oscillators Technical Data Sheet
PE1V34001
Voltage Controlled Oscillator (VCO) From 5 GHz to
10 GHz, Phase Noise of -93 dBc/Hz and SMA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn