Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V31004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1V31004
Description  Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V31004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1V31004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V31004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V31004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V31004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V31004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V31004 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 40 to 100 MHz Bandwidth
• -118 dBc/Hz typ @ 10kHz offset
• Tuning Voltage 0.5V to 20V
• Pout = +11.5 dBm typ
• Harmonics = -14.0 dBc typ
• RoHS Compliant Assembly
• Compact Size Rugged Metal Coaxial package
• Field Replaceable SMA Female Connector
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE1V31004 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 40 MHz to 100 MHz
frequency band with a voltage tuning range from 0.5V to 20V. This design features exceptional phase noise performance
of -118 dBc/Hz typ @ 10 kHz offset. Supply Voltage is +15V with a generated output power level of +11.5 dBm typ and
2nd harmonic output of -14.0 dBc typical. The assembly is RoHS compliant and available in a compact sized rugged metal
housing which supports a field replaceable SMA female connector, RFI Voltage and ground pins. The VCO operates over a
temperature range of -40°C to +85°C and is designed to meet a variety of MIL-STD-202 test conditions including Humidity,
Shock, and Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
40
100
MHz
Tuning Voltage
0.5
20
Vdc
Supply Voltage (DC)
14
15
16
Vdc
Supply Current (DC)
18
20
mA
Phase Noise @ 1kHz Offset
-90
-88
dBc/Hz
Phase Noise @ 10kHz Offset
-118
-116
dBc/Hz
Phase Noise @ 100kHz Offset
-138
-136
dBc/Hz
Output Power
+10
+11.5
+12.5
dBm
Tuning Sensitivity (Kvco)
2
5
MHz/V
Pushing
0.2
0.4
MHz/V
Pulling (pk-pk)
100
300
KHz
Tuning Port Capacitance
180
pF
Load Impedance
50
Ohms
2nd Harmonics
-14
-10
dBc
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz
and SMA PE1V31004
PE1V31004 REV 1.1
Voltage Controlled Oscillator (VCO) From 40 MHz to
100 MHz, Phase Noise of -118 dBc/Hz and SMA
Voltage Control Oscillators Technical Data Sheet
PE1V31004


Similar Part No. - PE1V31004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V31000 PASTERNACK-PE1V31000 Datasheet
508Kb / 6P
   0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V31001 PASTERNACK-PE1V31001 Datasheet
429Kb / 5P
   0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -120 dBc/Hz
PE1V31002 PASTERNACK-PE1V31002 Datasheet
504Kb / 6P
   Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and SMA
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
   Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
   Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
More results

Similar Description - PE1V31004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
   Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
   Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
PE1V31002 PASTERNACK-PE1V31002 Datasheet
504Kb / 6P
   Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and SMA
PE1V31009 PASTERNACK-PE1V31009 Datasheet
438Kb / 5P
   Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and SMA
PE1V31010 PASTERNACK-PE1V31010 Datasheet
518Kb / 6P
   Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -94 dBc/Hz and SMA
PE1V11005 PASTERNACK-PE1V11005_16 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V11005 PASTERNACK-PE1V11005 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V11004 PASTERNACK-PE1V11004_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V31008 PASTERNACK-PE1V31008 Datasheet
423Kb / 5P
   0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com