Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4306 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4306
Description  TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4306 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4306 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4306 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4306 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Brass Contact
• Isolated Ground
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4306 TNC female bulkhead isolated ground connector with solder cup terminal (.350 inch D hole) is part of our
full line of RF components available for same-day shipping. This TNC bulkhead connector allows designers to create external
connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our TNC female bulkhead connector PE4306 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.182 in [30.02 mm]
Width/Dia.
0.5 in [12.70 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup
Terminal, .350 inch D Hole PE4306
PE4306 REV 1.1
TNC Female Bulkhead Mount Isolated Ground Connector
Solder Attachment Solder Cup Terminal, .350 inch D Hole
RF Connectors Technical Data Sheet
PE4306


Similar Part No. - PE4306

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
   TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
logo
Peregrine Semiconductor
PE4306 PSEMI-PE4306 Datasheet
457Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE4306

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4468 PASTERNACK-PE4468_16 Datasheet
349Kb / 3P
   TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4318 PASTERNACK-PE4318_16 Datasheet
349Kb / 3P
   BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
   TNC Female Bulkhead Mount Connector Solder Attachment
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
   TNC Female Bulkhead Mount Connector Solder Attachment
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
   BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
   TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
   TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
   TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
   TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
   TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com