Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4300 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4300
Description  SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4300 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4300_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4300_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4300_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4300 SMA female right angle bulkhead mount connector solder attachment solder cup terminal, .235 inch D
hole is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces. This SMA bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA female right angle bulkhead connector PE4300 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.72 in [18.29 mm]
Width/Dia.
0.312 in [7.92 mm]
Height
0.585 in [14.86 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Stainless Steel
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Solder Cup Terminal,
.235 inch D Hole PE4300
PE4300 REV 1.1
SMA Female Right Angle Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .235 inch D Hole
RF Connectors Technical Data Sheet
PE4300


Similar Part No. - PE4300_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
   SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
More results

Similar Description - PE4300_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4545 PASTERNACK-PE4545_16 Datasheet
349Kb / 3P
   SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
   SMA Female Bulkhead Mount Connector Solder Attachment
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
   SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
   TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com