Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4852DGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4852DGVR
Description  DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4852DGVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC4852DGVR Datasheet HTML 1Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 2Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 3Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 4Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 5Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 6Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 7Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 8Page - Texas Instruments SN74HC4852DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74HC4852
DUAL 4TO1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS573 − MARCH 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
−40 TO 85
°C
−40 TO 125
5C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2.V
500
650
670
700
On-state
IS ≤ 2 mA
V = V
to GND,
3 V
215
280
320
360
ron
On-state
switch resistance
IS 2 mA
VI = VCC to GND,
VINH = VIL
3.3 V
210
270
305
345
ron
switch resistance
VINH = VIL
(see Figure 5)
4.5 V
160
210
240
270
(see Figure 5)
6 V
150
195
220
250
2.V
4
18
22
24
Difference in
IS ≤ 2 mA
3 V
2
12
14
16
∆ron
Difference in
on-state resistance
between switches
IS ≤ 2 mA
VI = VCC/2
V
= V
3.3 V
2
12
14
16
∆ron
on-state resistance
between switches
VI = VCC/2
VINH = VIL
4.5 V
2
8
12
16
INH
IL
6 V
3
9
13
18
II
Control input current
VI = VCC or GND
6 V
±0.1
±0.1
±1
µA
IS(off)
Off-state switch
leakage current
(any one channel)
VI = VCC or GND
VINH = VIH
(see Figure 6)
6 V
±0.1
±0.5
±1
A
IS(off)
Off-state switch
leakage current
(common channel)
VI = VCC or GND
VINH = VIH
(see Figure 7)
6 V
±0.2
±2
±4
µA
IS(on)
On-state switch
leakage current
VI = VCC or GND,
VINH = VIL
(see Figure 8)
6 V
±0.1
±0.5
±1
µA
ICC
Supply current
VI = VCC or GND
6 V
2
5
10
µA
CIC
Control input capacitance
A, B, INH
3.5
10
10
10
pF
CIS
Common
terminal capacitance
Switch off
22
40
40
40
pF
COS
Switch terminal capacitance
Switch off
6.7
15
15
15
pF
injection-current coupling specifications, TA = −40°C to 125°C (see Figure 1)
PARAMETER
VCC
TEST CONDITIONS
TYP†
MAX
UNIT
3.3 V
II‡ ≤ 1 mA,
0.05
1
5 V
II‡ ≤ 1 mA,
RS ≤ 3.9 kΩ
0.1
1
3.3 V
II‡ ≤ 10 mA,
RS ≤ 3.9 kΩ
0.345
5
V
∆out Maximum shift of output voltage of enabled analog channel
5 V
II‡ ≤ 10 mA,
0.067
5
mV
V
∆out Maximum shift of output voltage of enabled analog channel
3.3 V
II‡ ≤ 1 mA,
0.05
2
mV
5 V
II‡ ≤ 1 mA,
RS ≤ 20 kΩ
0.11
2
3.3 V
II‡ ≤ 10 mA,
RS ≤ 20 kΩ
0.05
20
5 V
II‡ ≤ 10 mA,
0.024
20
† Typical values are measured at TA = 25°C.
‡ II = total current injected into all disabled channels.


Similar Part No. - SN74HC4852DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852DGVR TI-SN74HC4852DGVR Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852DGVR TI-SN74HC4852DGVR Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852DGVRE4 TI-SN74HC4852DGVRE4 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852DGVRE4 TI-SN74HC4852DGVRE4 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852DGVRG4 TI-SN74HC4852DGVRG4 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4852DGVR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com