Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD500N45MC Datasheet(PDF) 6 Page - International Rectifier

Part # SD500N45MC
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD500N45MC Datasheet(HTML) 6 Page - International Rectifier

  SD500N45MC Datasheet HTML 1Page - International Rectifier SD500N45MC Datasheet HTML 2Page - International Rectifier SD500N45MC Datasheet HTML 3Page - International Rectifier SD500N45MC Datasheet HTML 4Page - International Rectifier SD500N45MC Datasheet HTML 5Page - International Rectifier SD500N45MC Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SD500N/R Series
6
Bulletin I2095 rev. A 08/94
www.irf.com
100
1000
10000
0. 51
1.52
2. 53
3.54
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
SD500N/R Series
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
SD500N/R Series
Steady State Value:
R
= 0.1 K/W
(DC Operation)
thJC
Fig. 8 - Thermal Impedance Z
thJC Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
2000
3000
4000
5000
6000
7000
8000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
SD500N/R Series
At Any Rated Load Condition And With
50% Rated V
Applied Following Surge
RRM
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse T rain Duration (s)
SD500N/R Series
50% Rated V
Reapplied
No Voltage Reapplied
Initial T = 150°C
RRM
J
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current


Similar Part No. - SD500N45MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD500N45MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com