Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9302H Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC9302H
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302H Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC9302H Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302H Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
10
(continued)
PO
O
CMOS OUT
This pin is a CMOS output structure, it receives
HKS and HFO/HDO
signals to control the dialer so as to connect or disconnect the
telephone line.
PO outputs low to break line when
HKS is high (on-hook) and
HFO/HDO is low.
PO outputs high to make line when
HKS is low (off-
hook) or HFO is high or HDO is high.
During the off-hook state, the pin also outputs the dialing pulse train in
pulse mode dialing. While in the tone mode, this pin is always high.
MODE
I/O
CMOS
IN/OUT
This is a three-state input/output pin, provided to the user for selecting a
dialing mode among Tone/20pps/10pps.
MODE=V
DD: Pulse mode, 10pps.
MODE=OPEN: Pulse mode, 20pps.
MODE=V
SS: Tone mode.
During the pulse mode dialing, switching this pin to the tone mode
changes the following entrance of digits to the tone mode. When the
chips are working in the tone mode, the switching from tone to the pulse
mode will be recognized.
DTMF
O
CMOS OUT
This pin is active only when the chip transmits tone dialing signals.
Otherwise, it always outputs low. The pin outputs tone signals to drive
the external transmitter amplifier circuit. The load resistor should not be
less than 5k
Ω.
HDI
I
CMOS IN
Pull-High
This pin is a schmitt trigger input structure. Active low. Applying a
negative going pulse to this pin can toggle the HDO output once.
An external RC network is recommended to use for the input
debouncing. The pull-high resistance is 200k
Ω typically.
HDO
O
CMOS OUT
The HDO is a CMOS output structure. Its output is toggle controlled by
a negative transition on
HDI . When HDO is toggled to high, PO keeps
high to hold the line. The hold function can be released by setting HFO
high or by an on-off hook operation or by another
HDI input. The HDO
pin can directly drive the melody generator to produce hold-line
background melody. Refer to the functional description for the hold-line
function.
KT
O
CMOS OUT
Key-tone output pin. It outputs 1.2kHz tone carrier when any key is
pressed in the pulse mode or when the function keys are pressed in the
tone mode.
(to be continued)


Similar Part No. - SC9302H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301EVB SEMTECH-SC9301EVB Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301MLTRT SEMTECH-SC9301MLTRT Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Silan Microelectronics ...
SC9308 SILAN-SC9308 Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
SC9308P SILAN-SC9308P Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
More results

Similar Description - SC9302H

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
   1-Memory/2-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com