Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5L9291X01-T0R0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S5L9291X01-T0R0
Description  signal processing LSI for the CD
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5L9291X01-T0R0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S5L9291X01-T0R0 Datasheet HTML 1Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 2Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 3Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 4Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 5Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 6Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 7Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 8Page - Samsung semiconductor S5L9291X01-T0R0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
DIGITAL SIGNAL PROCESSOR
S5L9291X
5
PIN DESCRIPTION (Continued)
Pin No
Symbol
I/O
Description
34
SBCK
I
Subcode data transferring bit clock
35
SBDT
I/O
Subcode data serial output
36
MUTE
I
System mute at "H"
37
C4M
O
4.2336MHz clock output
38
TEST1
I
Test Input
39
TEST2
I
Test Input
40
LCHOUT
O
Left-Channel audio output through DAC
41
VDDA_DAC
-
Analog Power for DAC
42
VHALF
O
Reference Voltage output for bypass
43
VREF
O
Reference Voltage output for bypass
44
VSSA_DAC
-
Analog Ground for DAC
45
RCHOUT
O
Right-Channel audio output through DAC
46
VDDD_DAC
-
Digital Power for DAC
47
VSSD_DAC
-
Digital Ground for DAC
48
TEST3
I
Test Input
49
DATX
O
Digital audio data output
50
JITB
I/O
Internal SRAM jitter margin status output
51
C2PO
O
C2 pointer Output
52
RFCK
I/O
Read base clock output
53
MNT0
I/O
Monitoring signal output
54
MNT1
I/O
Monitoring signal output
55
MNT2
I/O
Monitoring signal output
56
MNT3
I/O
Monitoring signal output
57
MNT4
I/O
Monitoring signal output
58
MNT5
I/O
Monitoring signal output
59
VSSD3
-
Digital Ground
60
VDDD4
-
Digital Power
61
D15
I/O
DRAM data Input/Output 15 (3-State Output)
62
D14
I/O
DRAM data input/output 14 (3-State Output)
63
D13
I/O
DRAM data input/output 13 (3-State Output)
64
D12
I/O
DRAM data input/output 12 (3-State Output)
65
D11
I/O
DRAM data input/output 11 (3-State Output)
66
D10
I/O
DRAM data input/output 10 (3-State Output)
67
D9
I/O
DRAM data input/output 9 (3-State Output)


Similar Part No. - S5L9291X01-T0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
S5L9290X01-L0R0 SAMSUNG-S5L9290X01-L0R0 Datasheet
324Kb / 48P
   signal processing LSI for the CD
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
S5L9290X02-E0R0 SAMSUNG-S5L9290X02-E0R0 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
More results

Similar Description - S5L9291X01-T0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN6626 PANASONIC-MN6626 Datasheet
28Kb / 3P
   Signal Processing LSI for CD Players
MN662747RPH PANASONIC-MN662747RPH Datasheet
53Kb / 7P
   Signal Processing LSI for CD Players
MN662750CDK PANASONIC-MN662750CDK Datasheet
494Kb / 7P
   Signal processing LSI for CD-ROM Drives
logo
Sanyo Semicon Device
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
logo
Panasonic Semiconductor
MN6163A PANASONIC-MN6163A Datasheet
535Kb / 9P
   CMOS LSI for Color Signal Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com