Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNZ108CL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PNZ108CL
Description  Silicon NPN Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ108CL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PNZ108CL Datasheet HTML 1Page - Panasonic Semiconductor PNZ108CL Datasheet HTML 2Page - Panasonic Semiconductor PNZ108CL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Phototransistors
PNZ108CL
Directivity characteristics
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
400
600
800
1000
1200
0
200
VCE = 10V
Ta = 25˚C
PC — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 20
Ta = 25˚C
T = 2856K
ICE(L) — VCE
20
16
12
4
8
0
Collector to emitter voltage
V
CE (V)
020
16
812
424
ICE(L) — L
10 2
10
1
Illuminance
L (lx)
10
10 2
10 3
10 –2
10 –1
1
VCE = 10V
Ta = 25˚C
T = 2856K
VCE = 10V
L = 500 lx
T = 2856K
ICE(L) — Ta
10 2
1
10
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
10 –1
ICEO — Ta
10 2
1
10 –1
10
Ambient temperature
Ta (˚C )
VCE = 10V
10 –2
– 20
0
40
80
20
60
100
tr — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
tf — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
20
100
80
60
40
100 lx
500 lx
250 lx
750 lx
L = 1500 lx
1000 lx
RL = 1kΩ
500
100
RL = 1kΩ
500
100


Similar Part No. - PNZ108CL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ108CL PANASONIC-PNZ108CL Datasheet
46Kb / 2P
   Silicon NPN Phototransistor
More results

Similar Description - PNZ108CL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com