Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C781 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 3Page - Microchip Technology PIC16C781 Datasheet HTML 4Page - Microchip Technology PIC16C781 Datasheet HTML 5Page - Microchip Technology PIC16C781 Datasheet HTML 6Page - Microchip Technology PIC16C781 Datasheet HTML 7Page - Microchip Technology PIC16C781 Datasheet HTML 8Page - Microchip Technology PIC16C781 Datasheet HTML 9Page - Microchip Technology PIC16C781 Datasheet HTML 10Page - Microchip Technology PIC16C781 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 5
PIC16C781/782
1.0
DEVICE OVERVIEW
This document contains device-specific information.
Additional information may be found in the PICmicro™
Mid-Range Reference Manual (DS33023), which may
be obtained from your local Microchip Sales Represen-
tative or downloaded from the Microchip website. The
Reference manual should be considered a comple-
mentary document to this data sheet. The Reference
manual is highly recommended reading for a better
understanding of the device architecture and operation
of the peripheral modules.
This data sheet covers two devices: PIC16C781 and
PIC16C782. Both devices come in a variety of 20-pin
packages.
The following figures are block diagrams of the
PIC16C781 and the PIC16C782.
FIGURE 1-1:
PIC16C781 BLOCK DIAGRAM
EPROM
Program
Memory
1K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
128 x 8
Direct Addr
7
RAM
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/
OSC2/
VDD, VSS
PORTA
PORTB
RA4/T0CKI
RA5/MCLR/VPP
RB0/INT/AN4/VR
8
8
Reset
Note
1: AVDD and AVSS pins are used by the following modules: C1, C2, OPA, DAC, ADC, and VR.
8-bit
(PSMC)
OPAMP
8-bit ADC
Timer0
Comparator
Comparator
RA3/AN3/VREF1
RA2/AN2/VREF2
RA1/AN1/OPA-
RA0/AN0/OPA+
8
3
CLKOUT
CLKIN
RA6/OSC2/CLKOUT/T1CKI
RA7/OSC1/CLKIN
RB1/AN5/VDAC
RB2/AN6
RB3/AN7/OPA
RB4
RB5
RB6/C1/PSMC1A
RB7/C2/PSMC1B/T1G
(C2)
(C1)
(VR) Module
DAC
AVDD, AVSS(1)
Addr
Program Memory
Read (PMR)
(OPA)
Low Voltage Detect
Brown-out
Internal
RC
Programmable Switch
Mode Controller
Oscillator
Voltage Reference
(PLVD)
(TMR0)
(TMR1)
INTRC
Programmable
Timer1


Similar Part No. - PIC16C781

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C781 MICROCHIP-PIC16C781 Datasheet
4Mb / 188P
   8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
11/29/12 2001-2013
PIC16C781T MICROCHIP-PIC16C781T Datasheet
4Mb / 188P
   8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
11/29/12 2001-2013
PIC16C781 MICROCHIP-PIC16C781_13 Datasheet
4Mb / 188P
   8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
11/29/12 2001-2013
More results

Similar Description - PIC16C781

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C781 MICROCHIP-PIC16C781_13 Datasheet
4Mb / 188P
   8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
11/29/12 2001-2013
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
   8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C71X MICROCHIP-PIC16C71X Datasheet
1Mb / 176P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
   8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com