Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA114YK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTA114YK
Description  PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114YK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTA114YK Datasheet HTML 6Page - NXP Semiconductors PDTA114YK Datasheet HTML 7Page - NXP Semiconductors PDTA114YK Datasheet HTML 8Page - NXP Semiconductors PDTA114YK Datasheet HTML 9Page - NXP Semiconductors PDTA114YK Datasheet HTML 10Page - NXP Semiconductors PDTA114YK Datasheet HTML 11Page - NXP Semiconductors PDTA114YK Datasheet HTML 12Page - NXP Semiconductors PDTA114YK Datasheet HTML 13Page - NXP Semiconductors PDTA114YK Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 02
10
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PDTA114Y series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PDTA114YK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114YK NXP-PDTA114YK Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
More results

Similar Description - PDTA114YK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
   NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PDTC123J PHILIPS-PDTC123J Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
2004 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com