Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF26100ET Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF26100ET
Description  Bluetooth Adapter IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100ET Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF26100ET Datasheet HTML 7Page - NXP Semiconductors PCF26100ET Datasheet HTML 8Page - NXP Semiconductors PCF26100ET Datasheet HTML 9Page - NXP Semiconductors PCF26100ET Datasheet HTML 10Page - NXP Semiconductors PCF26100ET Datasheet HTML 11Page - NXP Semiconductors PCF26100ET Datasheet HTML 12Page - NXP Semiconductors PCF26100ET Datasheet HTML 13Page - NXP Semiconductors PCF26100ET Datasheet HTML 14Page - NXP Semiconductors PCF26100ET Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2001 Jun 19
11
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6.3.2
RESET
The PCF26100 is reset with a Power-on reset using the
VIO_POWER signal. This will reset all registers and put
the device into a known state. The POR_EXT reset signal
will also reset the device and put it in the same state as the
Power-on reset. However, POR_EXT is intended to be
used for a reset from a host.
Following the Power-on reset or a reset by POR_EXT, the
system oscillator is started and the SYS_CLK output is
activated (enabled). The SYS_CLK output can be
controlled by the SYS_CLK_REQ signal but only if the ‘rdy’
bit in the Control Register has been set to logic 1.
The function of SYS_CLK_REQ has 2 phases:
1. After reset, SYS_CLK_REQ is not taken into account
for the generation of SYS_CLK. After reset the 13 MHz
system clock is enabled on SYS_CLK.
2. Once the ‘rdy’ bit is set to logic 1, the 13 MHz clock on
the SYS_CLK is controlled with SYS_CLK_REQ.
The SYS_CLK_REQ signal will not control or disable the
oscillator.
The LPO_CLK output is only controlled by the POR_EXT
signal which also controls the POR output. The POR is
activated 4 SYS_CLK cycles after POR_EXT.
handbook, full pagewidth
MGT755
phase 1 Rdy = 0
phase 2 Rdy = 1
POR
VIO_POWER
LPO_CLK
SYS_CLK_REQ
SYS_CLK
OSC
POR_EXT
Fig.4 Reset timing.


Similar Part No. - PCF26100ET

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF2 KOA-PCF2 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
PCF2 KOA-PCF2 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
logo
List of Unclassifed Man...
PCF2010 ETC2-PCF2010 Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PCF2010 TTELEC-PCF2010 Datasheet
813Kb / 6P
   precision thin film technology
logo
List of Unclassifed Man...
PCF2010H ETC2-PCF2010H Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
More results

Similar Description - PCF26100ET

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-921 WAGO-750-921 Datasheet
108Kb / 4P
   Bluetooth Adapter
logo
List of Unclassifed Man...
SD1000U ETC-SD1000U Datasheet
505Kb / 2P
   Bluetooth usb adapter
BHCRS02BI ETC2-BHCRS02BI Datasheet
334Kb / 2P
   Bluetooth RS232 Adapter
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
   Bluetooth-serial adapter
BT-210 ETC2-BT-210 Datasheet
250Kb / 7P
   Bluetooth USB Adapter
UD100 ETC-UD100 Datasheet
494Kb / 1P
   Bluetooth usb adapter
logo
Toshiba Semiconductor
TB31296FT TOSHIBA-TB31296FT Datasheet
549Kb / 9P
   Bluetooth RF IC
logo
TP-Link Technologies Co...
UB400 TP-LINK-UB400 Datasheet
503Kb / 3P
   Bluetooth 4.0 Nano USB Adapter
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
   Bluetooth RF Transceiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com