Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C554SBAA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C554SBAA
Description  80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C554SBAA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C554SBAA Datasheet HTML 3Page - NXP Semiconductors P87C554SBAA Datasheet HTML 4Page - NXP Semiconductors P87C554SBAA Datasheet HTML 5Page - NXP Semiconductors P87C554SBAA Datasheet HTML 6Page - NXP Semiconductors P87C554SBAA Datasheet HTML 7Page - NXP Semiconductors P87C554SBAA Datasheet HTML 8Page - NXP Semiconductors P87C554SBAA Datasheet HTML 9Page - NXP Semiconductors P87C554SBAA Datasheet HTML 10Page - NXP Semiconductors P87C554SBAA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
Philips Semiconductors
Product data
P87C554
80C51 8-bit microcontroller – 12 clock operation
16K/512 OTP/RAM, 8 channel 10-bit A/D, I2C, PWM,
capture/compare, high I/O
2002 Mar 25
5
PIN DESCRIPTION (Continued)
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
P4.0-P4.7
7-14
I/O
Port 4: 8-bit programmable I/O port. Alternate functions include:
7-12
O
CMSR0-CMSR5 (P4.0-P4.5): Timer T2 compare and set/reset outputs on a match with timer T2.
13, 14
O
CMT0, CMT1 (P4.6, P4.7): Timer T2 compare and toggle outputs on a match with timer T2.
Port 4 has four modes selected on a per bit basis by writing to the P4M1 and P4M2 registers as
follows:
P4M1.x
P4M2.x
Mode Description
0
0
Pseudo-bidirectional (standard c51 configuration; default)
0
1
Push-Pull
1
0
High impedance
1
1
Open drain
P5.0-P5.7
68-62,
1
I
Port 5: 8-bit input port.
1
ADC0-ADC7 (P5.0-P5.7): Alternate function: Eight input channels to the ADC.
RST
15
I/O
Reset: Input to reset the 87C554. It also provides a reset pulse as output when timer T3 overflows.
XTAL1
35
I
Crystal Input 1: Input to the inverting amplifier that forms the oscillator, and input to the internal
clock generator. Receives the external clock signal when an external oscillator is used.
XTAL2
34
O
Crystal Input 2: Output of the inverting amplifier that forms the oscillator. Left open-circuit when an
external clock is used.
VSS
36, 37
I
Digital ground.
PSEN
47
O
Program Store Enable: Active-low read strobe to external program memory.
ALE/PROG
48
O
Address Latch Enable: Latches the low byte of the address during accesses to external memory.
It is activated every six oscillator periods. During an external data memory access, one ALE pulse
is skipped. ALE can drive up to eight LS TTL inputs and handles CMOS inputs without an external
pull-up. This pin is also the program pulse input (PROG) during EPROM programming.
EA/VPP
49
I
External Access: When EA is held at TTL level high, the CPU executes out of the internal program
ROM provided the program counter is less than 16,384. When EA is held at TTL low level, the CPU
executes out of external program memory. EA is not allowed to float. This pin also receives the
12.75 V programming supply voltage (VPP) during EPROM programming.
AVREF–
58
I
Analog to Digital Conversion Reference Resistor: Low-end.
AVREF+
59
I
Analog to Digital Conversion Reference Resistor: High-end.
AVSS
60
I
Analog Ground
AVDD
61
I
Analog Power Supply
NOTE:
1. To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher or lower than VDD + 0.5 V or VSS – 0.5 V,
respectively.


Similar Part No. - P87C554SBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C554SBBD PHILIPS-P87C554SBBD Datasheet
400Kb / 76P
   80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results

Similar Description - P87C554SBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
   80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com