Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4727 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4727
Description  20MHz, High Precision CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4727 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA4727 Datasheet HTML 1Page - Burr-Brown (TI) OPA4727 Datasheet HTML 2Page - Burr-Brown (TI) OPA4727 Datasheet HTML 3Page - Burr-Brown (TI) OPA4727 Datasheet HTML 4Page - Burr-Brown (TI) OPA4727 Datasheet HTML 5Page - Burr-Brown (TI) OPA4727 Datasheet HTML 6Page - Burr-Brown (TI) OPA4727 Datasheet HTML 7Page - Burr-Brown (TI) OPA4727 Datasheet HTML 8Page - Burr-Brown (TI) OPA4727 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OPA727, OPA2727
OPA4727, OPA728
SBOS314B − SEPTEMBER 2004 − REVISED DECEMBER 2004
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
Non-Shutdown
OPA727
MSOP-8
DGK
AUE
OPA727
DFN-8
DRB
NSF
OPA2727
DFN-8(2)
DRB
NSD
OPA2727
SO-8
D
OPA2727A
OPA4727(2)
TSSOP-14
PW
OPA4727A
Shutdown
OPA728
MSOP-8
DGK
AUF
OPA728
DFN-8
DRB
NSG
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet.
(2) Available Q1’05.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
−0.5V to (V+) + 0.5V
. . . . . . . . .
Current(2)
±10mA
. . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
2000V
. . . . . . . . . . . . . . . . . . . .
(Charged Device Model)
1000V
. . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.


Similar Part No. - OPA4727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4727 TI-OPA4727 Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
OPA4727AIPW TI-OPA4727AIPW Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
OPA4727AIPWG4 TI-OPA4727AIPWG4 Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
OPA4727AIPWR TI-OPA4727AIPWR Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
OPA4727AIPWRG4 TI-OPA4727AIPWRG4 Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
More results

Similar Description - OPA4727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA727AIDGKT TI-OPA727AIDGKT Datasheet
1,017Kb / 28P
[Old version datasheet]   e-trim 20MHz, High Precision CMOS
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com