Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM55N10SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM55N10SC
Description  LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM55N10SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM55N10SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 5Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 6Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 7Page - List of Unclassifed Manufacturers OM55N10SC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3.1
50V, 60V, And 100V Ultra Low RDS(on)
Power MOSFETs In TO-254 And TO-258
Isolated Packages
LOW VOLTAGE, LOW RDS(on) POWER MOSFETS
IN HERMETIC ISOLATED PACKAGE
FEATURES
• Isolated Hermetic Metal Packages
• Ultra Low RDS(on)
• Low Conductive Loss/Low Gate Charge
• Available Screened To MIL-S-19500, TX, TXV And S Levels
• Ceramic Feedthroughs available
DESCRIPTION
This series of hermetic packaged MOSFETs are ideally suited for low voltage
applications; battery powered voltage power supplies, motor controls, dc to dc
converters and synchronous rectification. The low conduction loss allows smaller
heat sinking and the low gate change simpler drive circuitry.
MAXIMUM RATINGS (Per Device)
OM75N06SC
OM75N05SC
OM75N06SA
OM60N10SC
OM75N05SA
OM55N10SC
OM55N10SA
PART NO.
V
DS (V)
R
DS(on) ()
I
D (A)
Package
OM60N10SC
100
.025
60
TO-258AA
OM55N10SC
100
.030
55
TO-258AA
OM55N10SA
100
.035
55
TO-254AA
OM75N06SC
60
.016
75
TO-258AA
OM75N06SA
60
.018
75
TO-254AA
OM75N05SC
50
.016
75
TO-258AA
OM75N05SA
50
.018
75
TO-254AA
SCHEMATIC
4 11 R1
Supersedes 2 07 R0
PIN CONNECTION
Pin 1:
Drain
Pin 2:
Source
Pin 3:
Gate
Pin 1:
Drain
Pin 2:
Source
Pin 3:
Gate
Drain
Source
Gate
12
3
12
3
TO-254AA
TO-258AA
3.1 - 47


Similar Part No. - OM55N10SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   Isolated Hermetic Metal Packages
OM55N10SC IRF-OM55N10SC_15 Datasheet
81Kb / 8P
   Isolated Hermetic Metal Packages
More results

Similar Description - OM55N10SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM60N06SA IRF-OM60N06SA Datasheet
215Kb / 6P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
logo
International Rectifier
OM6050SJ IRF-OM6050SJ Datasheet
29Kb / 2P
   HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on)
logo
Sensitron
SHD226701 SENSITRON-SHD226701 Datasheet
138Kb / 2P
   LOW RDS(on) HERMETIC POWER MOSFET - N-CHANNEL
SHD225623 SENSITRON-SHD225623 Datasheet
60Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL ULTRA LOW RDS(ON)
logo
List of Unclassifed Man...
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com