Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL37WZ17 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL37WZ17
Description  Triple Noninverting Schmitt-Trigger Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ17 Datasheet(HTML) 8 Page - ON Semiconductor

  NL37WZ17 Datasheet HTML 1Page - ON Semiconductor NL37WZ17 Datasheet HTML 2Page - ON Semiconductor NL37WZ17 Datasheet HTML 3Page - ON Semiconductor NL37WZ17 Datasheet HTML 4Page - ON Semiconductor NL37WZ17 Datasheet HTML 5Page - ON Semiconductor NL37WZ17 Datasheet HTML 6Page - ON Semiconductor NL37WZ17 Datasheet HTML 7Page - ON Semiconductor NL37WZ17 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NL37WZ17
http://onsemi.com
8
PACKAGE DIMENSIONS
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.90
2.10
0.075
0.083
MILLIMETERS
B
2.20
2.40
0.087
0.094
C
0.60
0.90
0.024
0.035
D
0.17
0.25
0.007
0.010
F
0.20
0.35
0.008
0.014
G
0.50 BSC
0.020 BSC
H
0.40 REF
0.016 REF
J
0.10
0.18
0.004
0.007
K
0.00
0.10
0.000
0.004
L
3.00
3.20
0.118
0.126
M
0
6
0
6
N
5
10
5
10
P
0.28
0.44
0.011
0.017
R
0.23
0.33
0.009
0.013
S
0.37
0.47
0.015
0.019
U
0.60
0.80
0.024
0.031
V
0.12 BSC
0.005 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION A" DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURR. MOLD
FLASH. PROTRUSION AND GATE BURR SHALL
NOT EXCEED 0.140 MM (0.0055") PER SIDE.
4. DIMENSION B" DOES NOT INCLUDE
INTER−LEAD FLASH OR PROTRUSION.
INTER−LEAD FLASH AND PROTRUSION SHALL
NOT E3XCEED 0.140 (0.0055") PER SIDE.
5. LEAD FINISH IS SOLDER PLATING WITH
THICKNESS OF 0.0076−0. 0203 MM. (300−800
INCH).
6. ALL TOLERANCE UNLESS OTHERWISE
SPECIFIED ±0.0508 (0.0002").
L
B
A
P
G
4
1
5
8
C
K
D
SEATING
J
S
R
U
DETAIL E
V
F
H
N
R 0.10 TYP
M
-Y-
-X-
-T-
DETAIL E
T
M
0.10 (0.004)
XY
T
0.10 (0.004)
__
__
__
__
PLANE
US8
US SUFFIX
CASE 493-01
ISSUE O
3.8
1.8 TYP
1.0
0.3 TYP
0.5 TYP
(mm)
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make
changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
JAPAN: ON Semiconductor, Japan Customer Focus Center
2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051
Phone: 81-3-5773-3850
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
NL37WZ17/D
Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
N. American Technical Support: 800-282-9855 Toll Free USA/Canada


Similar Part No. - NL37WZ17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17MQ1TCG ONSEMI-NL37WZ17MQ1TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17MQ2TCG ONSEMI-NL37WZ17MQ2TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
More results

Similar Description - NL37WZ17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com