Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5115T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MUN5115T1G
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5115T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MUN5115T1G Datasheet HTML 4Page - ON Semiconductor MUN5115T1G Datasheet HTML 5Page - ON Semiconductor MUN5115T1G Datasheet HTML 6Page - ON Semiconductor MUN5115T1G Datasheet HTML 7Page - ON Semiconductor MUN5115T1G Datasheet HTML 8Page - ON Semiconductor MUN5115T1G Datasheet HTML 9Page - ON Semiconductor MUN5115T1G Datasheet HTML 10Page - ON Semiconductor MUN5115T1G Datasheet HTML 11Page - ON Semiconductor MUN5115T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MUN5111T1 Series
http://onsemi.com
9
TYPICAL ELECTRICAL CHARACTERISTICS — MUN5132T1
−25
°C
75
°C
25
°C
−25
°C
Figure 23. Maximum Collector Voltage versus
Collector Current
Figure 24. DC Current Gain
Figure 25. Output Capacitance
Figure 26. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 27. Input Voltage versus Output Current
IC, OUTPUT CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
120
20
0
100
10
1
0.01
1000
10
4
60
50
40
30
20
10
0
0
1
2
5
7
100
6
5
4
3
2
1
0
0.01
1
10
10
9
8
7
10
30
25
20
15
10
5
0
0.1
1
45
40
35
50
75
°C
25
°C
75
°C
25
°C
75
°C
25
°C
40
60
80
100
3
6
8
9
0.1
−25
°C
−25
°C


Similar Part No. - MUN5115T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5115T1G ONSEMI-MUN5115T1G Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5115T1G ONSEMI-MUN5115T1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
September, 2012 ??Rev. 1
MUN5115T1G ONSEMI-MUN5115T1G Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN5115T1G ONSEMI-MUN5115T1G Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results

Similar Description - MUN5115T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com