Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE721S01-T1B Datasheet(PDF) 3 Page - NEC

Part # NE721S01-T1B
Description  GENERAL PURPOSE L TO X-BAND GaAs MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE721S01-T1B Datasheet(HTML) 3 Page - NEC

  NE721S01-T1B Datasheet HTML 1Page - NEC NE721S01-T1B Datasheet HTML 2Page - NEC NE721S01-T1B Datasheet HTML 3Page - NEC NE721S01-T1B Datasheet HTML 4Page - NEC NE721S01-T1B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VDS = 3 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2.0
.936
-48.8
2.501
135.8
.070
57.1
.700
-26.5
3.0
.877
-71.9
2.387
115.2
.096
41.9
.662
-40.8
4.0
.813
-95.7
2.271
95.2
.115
26.4
.619
-53.4
5.0
.743
-119.4
2.153
75.6
.127
12.5
.568
-66.2
6.0
.691
-144.7
2.063
56.5
.135
-1.1
.518
-77.4
7.0
.649
-174.6
1.931
36.8
.136
-14.2
.448
-86.4
8.0
.639
158.2
1.765
18.4
.129
-24.8
.370
-95.5
9.0
.659
136.5
1.609
1.2
.122
-33.4
.305
-111.4
10.0
.683
115.8
1.480
-15.7
.117
-39.8
.257
-132.8
11.0
.710
95.8
1.351
-32.9
.113
-46.8
.234
-159.5
12.0
.748
78.1
1.215
-49.8
.107
-52.8
.226
-173.4
13.0
.776
64.2
1.073
-65.3
.102
-54.7
.235
143.9
14.0
.805
53.9
.954
-79.8
.101
-59.5
.288
113.0
15.0
.839
45.8
.837
-93.9
.103
-61.9
.388
89.1
16.0
.859
36.4
.722
-106.6
.104
-67.1
.485
75.7
17.0
.858
25.5
.614
-118.9
.100
-70.8
.576
66.0
18.0
.877
18.5
.522
-130.0
.100
-77.8
.628
55.5
19.0
.874
13.8
.449
-140.1
.101
-82.2
.675
45.9
20.0
.875
10.1
.392
-148.3
.098
-85.0
.724
36.4
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2.0
.925
-51.4
2.988
134.5
.064
56.9
.676
-26.8
3.0
.858
-75.6
2.819
113.5
.087
41.3
.636
-40.9
4.0
.786
-100.2
2.641
93.4
.102
26.7
.591
-53.1
5.0
.715
-124.5
2.472
73.9
.112
13.6
.540
-65.4
6.0
.662
-150.4
2.335
55.0
.118
1.7
.493
-75.9
7.0
.625
179.8
2.155
35.8
.117
-10.9
.425
-84.3
8.0
.622
153.4
1.950
17.9
.111
-19.1
.352
-92.9
9.0
.647
132.5
1.773
1.4
.109
-26.1
.286
-107.5
10.0
.675
112.7
1.625
-15.1
.106
-30.7
.236
-128.9
11.0
.703
93.2
1.480
-31.8
.107
-36.3
.212
-156.0
12.0
.742
76.3
1.332
-48.4
.105
-41.6
.204
175.1
13.0
.776
62.7
1.178
-63.7
.105
-45.5
.212
143.6
14.0
.806
52.7
1.051
-77.6
.108
-50.7
.266
111.8
15.0
.833
44.8
.925
-91.5
.108
-54.8
.360
88.4
16.0
.859
35.4
.804
-104.2
.112
-59.3
.458
75.1
17.0
.855
24.7
.686
-116.6
.109
-65.3
.553
65.9
18.0
.876
17.9
.586
-127.6
.108
-74.0
.610
55.5
19.0
.871
12.7
.509
-138.1
.108
-77.0
.655
46.0
20.0
.866
9.2
.446
-147.2
.102
-81.9
.703
36.8
NE721S01
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VDS = 3 V, IDS = 20 mA


Similar Part No. - NE721S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Renesas Technology Corp
NE72118 RENESAS-NE72118 Datasheet
201Kb / 18P
   GaAs MES FET
1997
logo
NEC
NE72118-T1 NEC-NE72118-T1 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Renesas Technology Corp
NE72118-T1 RENESAS-NE72118-T1 Datasheet
201Kb / 18P
   GaAs MES FET
1997
logo
NEC
NE72118-T2 NEC-NE72118-T2 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
More results

Similar Description - NE721S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
   LOW NOISE L TO Ku-BAND GaAs MESFET
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
   LOW NOISE L TO Ku BAND GaAs MESFET
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
logo
NEC
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com