Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1378PG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1378PG
Description  PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1378PG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1378PG Datasheet HTML 6Page - ON Semiconductor NCP1378PG Datasheet HTML 7Page - ON Semiconductor NCP1378PG Datasheet HTML 8Page - ON Semiconductor NCP1378PG Datasheet HTML 9Page - ON Semiconductor NCP1378PG Datasheet HTML 10Page - ON Semiconductor NCP1378PG Datasheet HTML 11Page - ON Semiconductor NCP1378PG Datasheet HTML 12Page - ON Semiconductor NCP1378PG Datasheet HTML 13Page - ON Semiconductor NCP1378PG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1378
http://onsemi.com
10
The NCP1378 demagnetization detection pad features a
specific component arrangement as detailed by Figure 21.
In this picture, the zener diodes network protect the IC
against any potential ESD discharge that could appear on
the pins. The first ESD diode connected to the pad, exhibits
a parasitic capacitance. When this parasitic capacitance
(10 pF typically) is combined with Rdem, a restart delay is
created and the possibility to switch right in the
drain−source wave exists. This guarantees QR operation
with all the associated benefits (low EMI, no turn−on losses
etc.). Rdem should be calculated to limit the maximum
current
flowing
through
pin
1
to
less
than
+3.0 mA/−2.0 mA: If during turn−on, the auxiliary
winding delivers 30 V (at the highest line level), then the
minimum Rdem value is defined by: 30 + 0.7/3.0 mA =
10.2 k
W. This value will be further increased e.g. to
introduce a restart delay and also a slight filtering in case
of high leakage energy.
Figure 22 portrays a typical VDS shot at nominal output
power.
Figure 22. The NCP1378 Operates in
Borderline/Critical Operation
400
300
200
100
0
Overvoltage Protection
The overvoltage protection works by sampling the
plateau voltage 4.5
ms after the turn−off sequence. This
delay guarantees a clean plateau, providing that the leakage
inductance ringing has been fully damped. If this would not
be the case, the designer should install a small RC damper
across the transformer primary inductance connections.
Figure 23 shows where the sampling occurs on the
auxiliary winding.
Figure 23. A Voltage Sample is Taken 4.5
ms
After the Turn−Off Sequence
8.0
6.0
4.0
2.0
0
SAMPLING HERE
4.5
ms
When an OVP condition has been detected, the
NCP1378 enters a latchoff phase and stops all switching
operations. The controller stays fully latched in this
position and the startup source being still active, it keeps
the VCC going up and down between 8.4 V and 5.5 V. This
state lasts until the VCC is cycled down to 4.0 V, e.g. when
the user unplugs the power supply from the mains outlet.
By default, the OVP comparator is biased to a 5.2 V
reference level and pin1 is directly routed to the
comparator. As a result, when Vpin1 reaches 5.2 V, the
OVP comparator is triggered. The threshold can thus be
adjusted by either modifying the power winding to
auxiliary winding turn ratios to match this 5.2 V level or
insert a resistor from pin1 to ground to cope with your
design requirement.
Latching Off the NCP1378
In certain cases, it can be very convenient to externally
shut down permanently the NCP1378 via a dedicated
signal, e.g. coming from a temperature sensor (Figure 24).
The reset occurs when the user unplugs the power supply
from the mains outlet. To trigger the latchoff by an external
signal, a simple PNP transistor can do the work, as
Figure 25 shows.


Similar Part No. - NCP1378PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1378PG ONSEMI-NCP1378PG Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
More results

Similar Description - NCP1378PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com