Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514260E-70JS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM514260E-70JS
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514260E-70JS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM514260E-70JS Datasheet HTML 4Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 5Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 6Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 7Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 8Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 9Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 10Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 11Page - OKI electronic componets MSM514260E-70JS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MSM514260E
8/14
Notes:
1.
A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization
cycles (
RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved.
2.
The AC characteristics assume tT = 5ns.
3.
VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times
(tT) are measured between VIH and VIL.
4.
This parameter is measured with a load circuit equivalent to 2 TTL load and 100pF.
5.
Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.)
limit, then the access time is controlled by tCAC.
6.
Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.)
limit, then the access time is controlled by tAA.
7.
tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit
condition and are not referenced to output voltage levels.
8.
tRCH or tRRH must be satisfied for a read cycle.
9.
tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in
the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then the cycle is an early
write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle.
If tCWD ≥ tCWD (Min.), tRWD ≥ tRWD(Min.), tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then
the cycle is a read modify write cycle and data out will contain data read from the selected cell; if
neither of the above sets of conditions is satisfied, then the condition of the data out (at access time)
is indeterminate.
10. These parameters are referenced to the
UCAS and LCAS, leading edges in an early write cycle,
and to the
WE leading edge in an OE control write cycle, or a read modify write cycle.
11. These parameters are determined by the falling edge of either
UCAS or LCAS, whichever is
earlier.
12. These parameters are determined by the rising edge of either
UCAS or LCAS, whichever is later.
13. tCWL should be satisfied by both
UCAS and LCAS.
14. tCP is determined by the time both
UCAS and LCAS are high.


Similar Part No. - MSM514260E-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260E-70TS-K OKI-MSM514260E-70TS-K Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514260E-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265B OKI-MSM514265B Datasheet
1Mb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com