Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXM2102D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPXM2102D
Description  100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102D Datasheet(HTML) 2 Page - Motorola, Inc

  MPXM2102D Datasheet HTML 1Page - Motorola, Inc MPXM2102D Datasheet HTML 2Page - Motorola, Inc MPXM2102D Datasheet HTML 3Page - Motorola, Inc MPXM2102D Datasheet HTML 4Page - Motorola, Inc MPXM2102D Datasheet HTML 5Page - Motorola, Inc MPXM2102D Datasheet HTML 6Page - Motorola, Inc MPXM2102D Datasheet HTML 7Page - Motorola, Inc MPXM2102D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPXM2102 SERIES
2
Motorola Sensor Device Data
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Overpressure(8) (P1 > P2)
Pmax
200
kPa
Storage Temperature
Tstg
–40 to +125
°C
Operating Temperature
TA
–40 to +125
°C
OPERATING CHARACTERISTICS (VS = 10 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
100
kPa
Supply Voltage(2)
VS
10
16
Vdc
Supply Current
Io
6.0
mAdc
Full Scale Span(3)
VFSS
38.5
40
41.5
mV
Offset(4)
MPXM2102D/G Series
MPXM2102A Series
Voff
–1.0
–2.0
1.0
2.0
mV
Sensitivity
∆V/∆P
0.4
mV/kPa
Linearity(5)
MPXM2102D/G Series
MPXM2102A Series
–0.6
–1.0
0.4
1.0
%VFSS
Pressure Hysteresis(5) (0 to 100 kPa)
±0.1
%VFSS
Temperature Hysteresis(5) (–40
°C to +125°C)
±0.5
%VFSS
Temperature Effect on Full Scale Span(5)
TCVFSS
–2.0
2.0
%VFSS
Temperature Effect on Offset(5)
TCVoff
–1.0
1.0
mV
Input Impedance
Zin
1000
2500
Output Impedance
Zout
1400
3000
Response Time(6) (10% to 90%)
tR
1.0
ms
Warm–Up
20
ms
Offset Stability(9)
±0.5
%VFSS
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight
TBD
Grams
Common Mode Line Pressure(7)
TBD
kPa
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self–heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative
to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Common mode pressures beyond specified may result in leakage at the case–to–lead interface.
8. Exposure beyond these limits may cause permanent damage or degradation to the device.
9. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.


Similar Part No. - MPXM2102D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102D MOTOROLA-MPXM2102D Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXM2102D FREESCALE-MPXM2102D Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102D FREESCALE-MPXM2102D Datasheet
335Kb / 16P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102D FREESCALE-MPXM2102D Datasheet
302Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2102D NXP-MPXM2102D Datasheet
363Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 9, 01/2012
More results

Similar Description - MPXM2102D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
   100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2100 NXP-MPX2100 Datasheet
185Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 10, 10/2008
logo
Freescale Semiconductor...
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
   200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com