Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85R256 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB85R256
Description  Memory FRAM(Ferroelectric Random Access Memory)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R256 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB85R256 Datasheet HTML 4Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 11Page - Fujitsu Component Limited. MB85R256 Datasheet HTML 12Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MB85R256
11
(Continued)
28-pin plastic TSOP(1)
(FPT-28P-M03)
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
C
1997 FUJITSU LIMITED F28018S-5C-3
Details of "A" part
0.15(.006)
MAX
0.35(.014)
MAX
0.15(.006)
0.25(.010)
22
28
1
7
21
8
INDEX
"A"
LEAD No.
11.80±0.20
(.465±.008)
13.40±0.20
(.528±.008)
12.40±0.20
(.488±.008)
0.10(.004)
0.50±0.10
(.020±.004)
0.15±0.05
(.006±.002)
0.55(.0217)
TYP
0.20±0.10
(.008±.004)
M
0.09(.004)
7.15(.281)REF
8.00±0.20
(.315±.008)
0(0)MIN
(STAND OFF)
.043 –.002
+.004
–0.05
+0.10
1.10
(Mounting height)


Similar Part No. - MB85R256

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256G FUJITSU-MB85R256G Datasheet
139Kb / 2P
   256K-bits FRAM LSI using the ferroelectric process and CMOS process technologies
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R256HPF FUJITSU-MB85R256HPF Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R256HPFCN FUJITSU-MB85R256HPFCN Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
More results

Similar Description - MB85R256

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR44V064A LAPIS-MR44V064A Datasheet
294Kb / 16P
   64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com