Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3838 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3838
Description  Flexible Push-Pull PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3838 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3838 Datasheet HTML 1Page - Micrel Semiconductor MIC3838 Datasheet HTML 2Page - Micrel Semiconductor MIC3838 Datasheet HTML 3Page - Micrel Semiconductor MIC3838 Datasheet HTML 4Page - Micrel Semiconductor MIC3838 Datasheet HTML 5Page - Micrel Semiconductor MIC3838 Datasheet HTML 6Page - Micrel Semiconductor MIC3838 Datasheet HTML 7Page - Micrel Semiconductor MIC3838 Datasheet HTML 8Page - Micrel Semiconductor MIC3838 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August 2003
5
MIC3838/3839
MIC3838/3839
Micrel
Parameter
Condition
Min
Typ
Max
Units
Undervoltage Lockout Section
Start Threshold
MIC3838, Note 11
11.5
12.5
13.5
V
MIC3839
4.1
4.3
4.5
V
Minimum Operating Voltage
MIC3838
7.6
8.3
9
V
After Start
MIC3839
3.9
4.1
4.3
V
Hysteresis
MIC3838
3.5
4.2
5.1
V
MIC3839
0.1
0.2
0.3
V
Soft Start Section
COMP Rise Time
FB = 1.8V, Rise from 0.5V to 3V
2.5
20
ms
Overall Section
Startup Current
V
DD < Start Threshold (MIC3839)
130
260
µA
Operating Supply Current
FB = 0V, Ramp = I
LIM = 0V, Notes 11, 12
1.5
2
mA
V
DD Zener Shunt Voltage
I
DD = 10mA, Note 13
13
14
15
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Maximum operating voltage is equal to the V
DD (zener) shunt voltage. When operating at or near the shunt voltage, care must be taken to limit
the V
DD pin current less than the 20mA VDD maximum current rating.
Note 5.
Specification for packaged product only.
Note 6.
Measured at RC.
Note 7.
COMP pin is internally clamped to 3.65V(typ.). COMP pin source current is measured at V
COMP = 3.0V to avoid interferring with clamp.
Minimum source current is higher as V
COMP approaches VCLAMP.
Note 8.
Gain is defined by A =
V
V
COMP
CS
, 0
≤ V
CS ≤ 0.4V.
Note 9.
Parameter measured at trip point of latch with FB at 0V
Note 10. The internal current sink on the Ramp and I
LIM pin are designed to discharge an external filter capacitor. It is not intended to be a DC sink
path. Internal discharge FET should be able to discharge the Volt-Sec clamp and feed-forward circuits in the figure below within 50ns.
Note 11. For MIC3838, set V
DD above the start threshold before setting at 10V.
Note 12. Does not include current in the external oscillator network.
Note 13. Start threshold and Zener Shunt threshold track one another.


Similar Part No. - MIC3838

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838BMM MICREL-MIC3838BMM Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838BMM MIC-MIC3838BMM Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
More results

Similar Description - MIC3838

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com