Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2194BM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2194BM
Description  400kHz SO-8 Buck Control IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2194BM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2194BM Datasheet HTML 2Page - Micrel Semiconductor MIC2194BM Datasheet HTML 3Page - Micrel Semiconductor MIC2194BM Datasheet HTML 4Page - Micrel Semiconductor MIC2194BM Datasheet HTML 5Page - Micrel Semiconductor MIC2194BM Datasheet HTML 6Page - Micrel Semiconductor MIC2194BM Datasheet HTML 7Page - Micrel Semiconductor MIC2194BM Datasheet HTML 8Page - Micrel Semiconductor MIC2194BM Datasheet HTML 9Page - Micrel Semiconductor MIC2194BM Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC2194
Micrel
MIC2194
8
October 2002
1.5V
Typical
140mV
Hysteresis
(typical)
EN/UVLO
(3)
MIC2194
VIN
R1
R2
Bias
Circuitry
Figure 3. UVLO Circuitry
The line voltage turn on trip point is:
VV
R
RR
INPUT ENABLE
THRESHOLD
_
+
2
12
where:
V
THRESHOLD is the voltage level of the internal
comparator reference, typically 1.5V.
The input voltage hysteresis is equal to:
VV
RR
R
INPUT HYST
HYST
_
+
12
2
where:
V
HYST is the internal comparator hysteresis level,
typically 140mV.
V
INPUT_HYST is the hysteresis at the input voltage
The MIC2194 will be disabled when the input voltage drops
back down to:
V
INPUT_OFF =
V
INPUT_ENABLE – VINPUT_HYST =
(V
THRESHOLD – VHYST) ×
+
R
RR
2
12
Either of 2 UVLO conditions will pull the soft start capacitor
low:
• When the V
DD voltage drops below its
undervoltage lockout level.
• When the enable pin drops below the its enable
threshold
The internal bias circuit generates an internal 1.245V band-
gap reference voltage for the voltage error amplifier and a 3V
VDD voltage for the internal control circuitry. The VDD pin
must be decoupled with a 1
µF ceramic capacitor. The capaci-
tor must be placed close to the VDD pin. The other end of the
capacitor must be connected directly to the ground plane.
MOSFET Gate Drive
The MIC2194 is designed to drive a high-side P-channel
MOSFET. The source pin of the P-channel MOSFET is
connected to the input of the power supply. It is turned on
when OUTP pulls the gate of the MOSFET low. The advan-
tage of using a P-channel MOSFET is that it does not require
a bootstrap circuit to boost the gate voltage higher than the
input, as would be required for an N-channel MOSFET. The
VIN pin (pin 8) supplies the drive voltage to the gate drive pin,
OUTP.
MOSFET Selection
The P-channel MOSFET must have a V
GS threshold voltage
equal to or lower than the input voltage when used in a buck
converter topology. There is a limit to the maximum gate
charge the MIC2194 will drive. MOSFETs with high gate
charge will have slower turn-on and turn-off times. Slower
transition times will cause higher power dissipation in the
MOSFET due to higher switching transition losses.
The MOSFET gate charge is also limited by power dissipation
in the MIC2194. The power dissipated by the gate drive
circuitry is calculated below:
P
GATE_DRIVE = QGATE × VIN × fS
where: Q
GATE is the total gate charge of both the N- and P-
channel MOSFETs.
f
S is the switching frequency
V
IN is the gate drive voltage
The graph in Figure 4 shows the total gate charge that can be
driven by the MIC2194 over the input voltage range, for
different values of switching frequency.
0
50
100
150
200
250
0
5
10
15
INPUT VOLTAGE (V)
Max Gate Charge
Figure 4. MIC2194 V
IN vs Max. Gate Charge
Oscillator
The internal oscillator is free running and requires no external
components. The maximum duty cycle for both frequencies
is 100%. This is another advantage of using a P-channel
MOSFET for the high-side drive; it can be continuously turned
on.
A frequency foldback mode is enabled if the voltage on the
feedback pin (pin 2) is less than 0.3V. In frequency foldback,
the oscillator frequency is reduced by approximately a factor
of 4. Frequency foldback is used to limit the energy delivered
to the output during a short circuit fault condition.
Voltage Setting Components
The MIC2194 requires two resistors to set the output voltage
as shown in Figure 5.


Similar Part No. - MIC2194BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2194BM MICREL-MIC2194BM Datasheet
64Kb / 10P
   400kHz SO-8 Buck Control IC
More results

Similar Description - MIC2194BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
   400kHz SO-8 Buck Control IC
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
   400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
   400kHz SO-8 Boost Control IC
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com