Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5274LVM133 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCF5274LVM133
Description  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5274LVM133 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCF5274LVM133 Datasheet HTML 2Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 3Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 4Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 5Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 6Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 7Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 8Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 9Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 1.1
Preliminary
Features
Freescale Semiconductor
6
— One FIFO RAM per endpoint (2-Kbyte total)
— Dedicated 1-Kbyte descriptor RAM, accessible from the Slave bus
— Remote wake-up
Hardware cryptography accelerator (optional)
— Random number generator
— DES/3DES/AES block cipher engine
— MD5/SHA-1/HMAC accelerator
Three Universal Asynchronous/synchronous Receiver Transmitters (UARTs)
— Serial communication channel
— 16-bit divider for clock generation
— Internal channel control logic
— Interrupt control logic
— Maskable interrupts
— DMA support
— Programmable clock-rate generator
— Data formats can be 5, 6, 7 or 8 bits with even, odd or no parity
— Up to 2 stop bits in 1/16 increments
— Error-detection capabilities
— Modem support includes request-to-send (RTS) and clear-to-send (CTS) lines
— Transmit and receive FIFO buffers
•I2C Module
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads
— Fully compatible with industry-standard I2C bus
— Master or slave modes support multiple masters
— Automatic interrupt generation with programmable level
Queued Serial Peripheral Interface (QSPI)
— Full-duplex, three-wire synchronous transfer
— Up to four chip selects available
— Master operation
— Programmable master bit rates
— Up to 16 preprogrammed transfers
Four 32-bit Timers with DMA request capability
Pulse width modulation (PWM) unit
— Four identical channels
Software Watchdog Timer


Similar Part No. - MCF5274LVM133

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5274LVM133 FREESCALE-MCF5274LVM133 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
More results

Similar Description - MCF5274LVM133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com