Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90523B Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90523B
Description  16-bit Proprietary Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90523B Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90523B Datasheet HTML 6Page - Fujitsu Component Limited. MB90523B Datasheet HTML 7Page - Fujitsu Component Limited. MB90523B Datasheet HTML 8Page - Fujitsu Component Limited. MB90523B Datasheet HTML 9Page - Fujitsu Component Limited. MB90523B Datasheet HTML 10Page - Fujitsu Component Limited. MB90523B Datasheet HTML 11Page - Fujitsu Component Limited. MB90523B Datasheet HTML 12Page - Fujitsu Component Limited. MB90523B Datasheet HTML 13Page - Fujitsu Component Limited. MB90523B Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MB90520A/520B Series
10
*1 : FPT-120P-M05
*2 : FPT-120P-M13
(Continued)
Pin No.
Pin Name
Circuit
Type
Function
LQFP-120*1
QFP-120*2
9, 10
P40, P41
D
General-purpose I/O ports
Only available when waveform outputs from PG10 and PG11 are disabled.
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports are set as inputs. The RDR4 settings are ignored when ports
are set as outputs.
PG10,
PG11
Output pins for 8/16-bit PPG timer 1
Only available when waveform output is enabled for PG10 and PG11.
11
P42
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports are set as inputs. The RDR4 settings are ignored when ports
are set as outputs.
SIN0
UART (SCI) serial data input pin
Input operates continuously when the UART is performing input.
Accordingly, output to the pin from other functions that share this pin must
be suspended unless performed intentionally.
12
P43
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports are set as inputs. The RDR4 settings are ignored when ports
are set as outputs.
SOT0
UART (SCI) serial data output pin
Only available when serial data output is enabled for the UART (SCI) .
13
P44
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports are set as inputs. The RDR4 settings are ignored when ports
are set as outputs.
SCK0
UART (SCI) serial clock input/output pin
Only available when serial clock output is enabled for the UART (SCI) .
14
P45
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports set as inputs. The RDR4 settings are ignored when ports set
are as outputs.
SIN1
Data input pin for extended I/O serial interface 1
Input operates continuously when the performing serial input. Accordingly,
output to the pin from other functions that share this pin must be
suspended unless performed intentionally.
15
P46
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports set as inputs. The RDR4 settings are ignored when ports are
set as outputs.
SOT1
Data output pin for extended I/O serial interface 1
Only available when serial data output is enabled for SOT1.


Similar Part No. - MB90523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90523B FUJITSU-MB90523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90523B FUJITSU-MB90523B Datasheet
2Mb / 104P
   16-bit Microcontroller
MB90523BPFV FUJITSU-MB90523BPFV Datasheet
2Mb / 104P
   16-bit Microcontroller
MB90523BPMC1 FUJITSU-MB90523BPMC1 Datasheet
2Mb / 104P
   16-bit Microcontroller
More results

Similar Description - MB90523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com