Electronic Components Datasheet Search |
|
MB90F444G Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MB90F444G Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 61 page MB90440G Series 10 (Continued) Pin No. Pin name Circuit type Function 59 to 60 P76 to P77 D General I/O ports. This function is enabled when the OCU disables output. OUT2 to OUT3 Event output pins for output compares OCU2 and OCU3. This function is enabled when the OCU enables output. IN6 to IN7 Trigger input pins for input captures ICU6 and ICU7. Set the corre- sponiding DDR register to input and prohibit the OCU output if this function is used. 61 to 64 P80 to P83 D General I/O ports. This function is enabled when 8/16-bit PPG timer disables waveform output. PPG0 to PPG3 Output pins for 8/16-bit PPG timer. This function is enabled when 8/16-bit PPG timer enables waveform output. 65 to 66 P84 to P85 D General I/O ports. This function is enabled when the OCU disables output. OUT0 to OUT1 Event output pins for output compares OCU0 and OCU1. This func- tion is enabled when the OCU enables output. 67 P86 D General I/O port. This function is always enabled. TIN1 Input pin for the 16-bit reload timers 1. Set the corresponding DDR register to input if this function is used. 68 P87 D General I/O port. This function is enabled when the 16-bit reload timers 0 disables output. TOT1 Output pin for the 16-bit reload timers 1. This function is enabled when the reload timers 1 enables output. 69 to 70 P90 to P91 D General I/O ports. This function is always enabled. INT0 to INT1 External interrupt request input pins for INT0 to INT3. Set the cor- responding DDR register to input if this function is used. 71 P92 D General I/O port. This function is enabled when CAN2 disables out- put. TX2 TX output pin for CAN2. This function is enabled when CAN2 en- ables output. 72 P93 D General I/O port. This function is always enabled. RX2 RX input pin for CAN2 interface. When the CAN function is used, output from the other functions must be stopped. 73 P94 D General I/O port. This function is enabled when CAN0 disables out- put. TX0 TX output pin for CAN0. This function is enabled when CAN0 en- ables output. 74 P95 D General I/O port. This function is always enabled. INT2 External interrupt request input pin for INT2. Set the corresponding DDR register to input if this function is used. RX0 RX input pin for CAN0 interface. When the CAN function is used, output from the other functions must be stopped. |
Similar Part No. - MB90F444G |
|
Similar Description - MB90F444G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |