Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F443GPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F443GPF
Description  16-bit Proprietary Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F443GPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F443GPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F443GPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
MB90440G Series
2
s FEATURES
•••• Clock
Internal PLL clock multiplication circuit
Base oscillation divided into two or multiplied by one to four
Minimum execution time : 62.5 ns (4 MHz oscillation, PLL clock multiplication multiplier
= 4, VCC = 5.0 V)
32 kHz subsystem clock
•••• Instruction set optimized for controller applications
Supported data types : bit, byte, word, and long-word types
Standard addressing modes : 23 types
Singed multiplication/division and extended RET1 instructions
32-bit accumulator enhancing high-precision operations
•••• Enhanced high level language (C) and multi-tasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
•••• Program patch function (for two address pointers)
•••• Enhanced execution speed : 4 byte instruction queue
•••• Enhanced interrupt function : 8 priority levels programmable and 34 causes
•••• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS)
•••• Internal ROM size and type
FLASH ROM : 128 Kbytes
Internal RAM size : 6 Kbyte and 14 Kbyte (evaluation chip)
•••• FLASH ROM
Supports automatic programming function, Embedded Algorithm*
Writing command/erase command/erase suspend and resume command
Algorithms completion flag
Hardwire reset vector to show the fixed boot code sector
Can be erased by each sector
Sector protection by external programming voltage
•••• Low-power consumption (stand-by) modes
Sleep mode (CPU operating clock stops)
Stop mode (Main oscillation stops)
CPU intermittent operation mode
Watch mode
Time-base timer mode
•••• General-purpose I/O ports : 81 ports
•••• Timers
Watchdog timer : 1 channel
8/16-bit PPG timer : 8/16-bit
× 4 channels
16-bit reload timer : 2 channels
* : Embedded Algorithm is a trademark of Advanced Micro Devices, Inc.
(Continued)


Similar Part No. - MB90F443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F443GPF FUJITSU-MB90F443GPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com