Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400BB90M6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29W400BB90M6
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400BB90M6 Datasheet(HTML) 3 Page - STMicroelectronics

  M29W400BB90M6 Datasheet HTML 1Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 2Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 3Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 4Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 5Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 6Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 7Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 8Page - STMicroelectronics M29W400BB90M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
M29W400BT, M29W400BB
Figure 4. TFBGA Connections (Top view through package)
AI03988
B
A
4
3
2
1
G
F
H
DQ15
A–1
A7
A3
DQ10
DQ8
E
DQ13
DQ11
DQ9
G
VSS
DQ6
DQ1
VSS
DQ14
A12
NC
A17
A4
A14
A10
NC
NC
A6
A2
RP
A8
DQ4
DQ3
VCC
DQ12
A9
BYTE
A15
A11
NC
A1
A16
DQ7
DQ5
DQ2
A0
NC
DQ0
A5
E
D
C
RB
W
A13
6
5
The blocks in the memory are asymmetrically ar-
ranged, see Tables 3 and 4, Block Addresses. The
first or last 64 Kbytes have been divided into four
additional blocks. The 16 Kbyte Boot Block can be
used for small initialization code to start the micro-
processor, the two 8 Kbyte Parameter Blocks can
be used for parameter storage and the remaining
32K is a small Main Block where the application
may be stored.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP48 (12 x 20mm),
TFBGA48 (0.8mm pitch) and SO44 packages and
it is supplied with all the bits erased (set to ’1’).


Similar Part No. - M29W400BB90M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400BB90M6T STMICROELECTRONICS-M29W400BB90M6T Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W400BB90M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com