Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F523B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F523B
Description  16-bit Proprietary Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F523B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F523B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 9Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 10Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 11Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
MB90520A/520B Series
8
s PIN DESCRIPTIONS
*1 : FPT-120P-M05
*2 : FPT-120P-M13
(Continued)
Pin No.
Pin Name
Circuit
Type
Function
LQFP-120*1
QFP-120*2
92, 93
X0, X1
A
Oscillator pin
74, 73
X0A, X1A
B
Sub-oscillator pin
89 to 87
MD0 to
MD2
C
Input pins for setting the operation mode.
Connect directly to VCC or VSS.
90
RST
C
External reset input pin
86
HST
C
Hardware standby input pin
95 to 101
P00 to
P06
D
General-purpose I/O ports
The settings in the pull-up resistor setup register (RDR0) are enabled
when ports are set as inputs.
The RDR0 settings are ignored when ports are set as outputs.
INT0 to
INT6
Event input pins for ch.0 to ch.6 of the DTP/external interrupt circuit
102
P07
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR0) are enabled when
ports are set as inputs.
The RDR0 settings are ignored when ports are set as outputs.
103 to 110
P10 to
P17
D
General-purpose I/O ports
The settings in the pull-up resistor setup register (RDR1) are enabled when
ports are set as inputs.
The RDR1 settings are ignored when ports are set as outputs.
WI0 to
WI7
Event input pins for the wakeup interrupts.
111, 112,
113, 114
P20, P21,
P22, P23
E
General-purpose I/O ports
IC00, IC01,
IC10, IC11
Trigger input pins for input capture units (ICU) 0 and 1.
Input operates continuously when channels 0 and 1 of input capture units
(ICU) 0 and 1 are operating. Accordingly, output to the pins from other func-
tions that share this pin must be suspended unless performed intentionally.
115
P24
E
General-purpose I/O port
AIN0
Also can be used as the count clock A input to 8/16-bit up/down counter/
timer 0.
116
P25
E
General-purpose I/O port
BIN0
Also can be used as the count clock B input to 8/16-bit up/down counter/
timer 0.
117
P26
E
General-purpose I/O port
ZIN0
Also can be used as the control clock Z input to 8/16-bit up/down counter/
timer 0.
INT7
Event input pin for ch.7 of the DTP/external interrupt circuit


Similar Part No. - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F523B FUJITSU-MB90F523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F523B FUJITSU-MB90F523B Datasheet
2Mb / 104P
   16-bit Microcontroller
MB90F523BPFV FUJITSU-MB90F523BPFV Datasheet
2Mb / 104P
   16-bit Microcontroller
MB90F523BPMC1 FUJITSU-MB90F523BPMC1 Datasheet
2Mb / 104P
   16-bit Microcontroller
More results

Similar Description - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com