Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F438L Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F438L
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F438L Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F438L Datasheet HTML 7Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 8Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 9Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 10Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 11Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 12Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 13Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 14Page - Fujitsu Component Limited. MB90F438L Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
MB90435 Series
11
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
46
48
P57
D
General I/O port. This function is enabled when the 16-bit
reload timers 0 disables the output.
TOT0
Output pin for the 16-bit reload timers 0. This function is
enabled when the 16-bit reload timers 0 enables the output.
51 to 56
53 to 58
P70 to P75
D
General I/O ports. This function is always enabled.
IN0 to IN5
Trigger input pins for input captures ICU0 to ICU5. Set the
corresponding Port Direction Register to input if this
function is used.
57 , 58
59 , 60
P76 , P77
D
General I/O ports. This function is enabled when the OCU
disables the waveform output.
OUT2 , OUT3
Event output pins for output compares OCU2 and OCU3. This
function is enabled when the OCU enables the waveform
output.
IN6 , IN7
Trigger input pins for input captures ICU6 and ICU7. Set the
corresponding Port Direction Register to input and disable the
OCU waveform output if this function is used.
59 , 62
61 to 64
P80 to P83
D
General I/O ports. This function is enabled when 8/16-bit PPG
disables the waveform output.
PPG0 to
PPG3
Output pins for 8/16-bit PPGs. This function is enabled when
8/16-bit PPG enables the waveform output.
63 , 64
65 , 66
P84 , P85
D
General I/O ports. This function is enabled when the OCU
disables the waveform output.
OUT0 , OUT1
Waveform output pins for output compares OCU0 and OCU1.
This function is enabled when the OCU enables the waveform
output.
65
67
P86
D
General I/O port. This function is always enabled.
TIN1
Input pin for the 16-bit reload timers 1. Set the
corresponding Port Direction Register to input if this function is
used.
66
68
P87
D
General I/O port. This function is enabled when the 16-bit
reload timers 0 disables the output.
TOT1
Output pin for the 16-bit reload timers 1.This function is
enabled when the 16-bit reload timers 1 enables the output.
67 to 70
69 to 72
P90 to P93
D
General I/O port. This function is always enabled.
INT0 to INT3
External interrupt request input pins for INT0 to INT3. Set the
corresponding Port Direction Register to input if this function is
used.
71
73
P94
D
General I/O port.


Similar Part No. - MB90F438L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F438L CYPRESS-MB90F438L Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F438LPF FUJITSU-MB90F438LPF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F438LPF CYPRESS-MB90F438LPF Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F438LPMC FUJITSU-MB90F438LPMC Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F438LPMC CYPRESS-MB90F438LPMC Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F438L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com