Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90443G Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90443G
Description  16-bit Proprietary Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90443G Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90443G Datasheet HTML 1Page - Fujitsu Component Limited. MB90443G Datasheet HTML 2Page - Fujitsu Component Limited. MB90443G Datasheet HTML 3Page - Fujitsu Component Limited. MB90443G Datasheet HTML 4Page - Fujitsu Component Limited. MB90443G Datasheet HTML 5Page - Fujitsu Component Limited. MB90443G Datasheet HTML 6Page - Fujitsu Component Limited. MB90443G Datasheet HTML 7Page - Fujitsu Component Limited. MB90443G Datasheet HTML 8Page - Fujitsu Component Limited. MB90443G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
DS07-13716-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90440G Series
MB90443G/F443G/V440G
s DESCRIPTION
The MB90440G series with FULL-CAN*2 and FLASH ROM is a line of general-purpose, Fujitsu 16-bit microcon-
trollers specially designed for automotive and industrial applications. Its main features are three on board CAN
Interfaces (generic type) , which conform to V2.0 Part A and Part B, supporting very flexible message buffering.
Thus, more functions than a normal full CAN approach is available.
While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core incor-
porates additional instructions for high-level languages, supports extended addressing modes, and contains
enhanced multiplication and division instructions as well as a substantial collection of improved bit manipulation
instructions. In addition, the MB90440G series has as on-chip 32-bit accumulator, which enables processing of
long-word data.
The peripheral resources integrated in the MB90440G series include; an 8/10-bit A/D converter, UARTs (SCI) ,
I/O extended serial interface, 8/16-bit PPG timer, input/output timer (input capture (ICU) , output compare (OCU) ) .
*1 : F2MC stands for FUJITUS Flexible Microcontroller, a registered trademark of FUJITSU LIMITED.
*2 : Controller Area Network (CAN) is a license of Robert Bosch GmbH..
s PACKAGE
100-pin Plastic QFP
FPT-100P-M06


Similar Part No. - MB90443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90443G FUJITSU-MB90443G Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90443GPF FUJITSU-MB90443GPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com