Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9386EEP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9386EEP
Description  Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9386EEP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9386EEP Datasheet HTML 5Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 6Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 7Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 8Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 9Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 10Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 11Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 12Page - Maxim Integrated Products MAX9386EEP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Differential 5:1 or 4:1 ECL/PECL Multiplexers
with Single/Dual Output Buffers
_______________________________________________________________________________________
9
Figure 4. Select Input (SEL0)-to-Output (Q_, Q_) Delay Timing Diagram
VOH - VOL
tPLH2
tPHL2
VOH
VOL
VIH
VIHD
VBB
VIL
VILD
VIHD - VILD
Q_
D_, D1
Q_
D_, D1
SEL_ = VIL OR OPEN
SELO
Figure 5. Output-to-Output Skew (tSKOO) Definition (MAX9387 Only)
tSKOO
tSKOO
Q0
Q0
Q1
Q1
Figure 6. Input-to-Output Skew (tSKIO) Definition
D1 OR D2 OR D3
D0
D0
D1 OR D2 OR D3
Q0
Q0
Q0
Q0
tSKIO = | tPLHD* - tPLHD** | OR | tPHLD* - tPHLD** |
tPLHD*tPHLD*
tPLHD**
tPHLD**
tPLHD*: MEASURED BETWEEN D0, D0 INPUT, AND OUTPUT.
tPLHD**: MEASURED BETWEEN ANY OTHER INPUT AND OUTPUT.


Similar Part No. - MAX9386EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9386EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
   Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com