Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1572ETC180 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1572ETC180
Description  800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1572ETC180 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1572ETC180 Datasheet HTML 3Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 4Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 5Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 6Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 7Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 8Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 9Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 10Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
800mA, 2MHz, PWM DC-to-DC
Step-Down Converter with RESET
8
_______________________________________________________________________________________
MANUFACTURER
PART
VALUE (µH)
RL (m
Ω)ISAT (mA)
SIZE (mm)
SHIELDED
Murata
LQH32CN
2.2
97
790
2.5 x 3.2 x 2.0
No
CDRH3D16
2.2
50
1200
3.8 x 3.8 x 1.8
Yes
Sumida
CDRH2D11
2.2
78
780
3.2 x 3.2 x 1.2
Yes
D312F
2.2
170
1200
3.6 x 3.6 x 1.2
No
TOKO
D412F
2.2
140
1330
4.8 x 4.8 x 1.2
No
Table 2. Recommended Inductors
output and storing energy in the inductor’s magnetic
field. The current-mode feedback system regulates the
peak inductor current as a function of the output voltage
error signal. Since the average inductor current is nearly
the same as the peak inductor current (assuming that
the inductor value is relatively high to minimize ripple
current), the circuit acts as a switch-mode transconduc-
tance amplifier. This pushes the output LC filter pole,
normally found in a voltage-mode PWM, to a higher fre-
quency. To preserve inner-loop stability and eliminate
inductor staircasing, an internal slope-compensation
ramp is summed into the main PWM comparator. During
the second half of the switching cycle (off-time), the
internal high-side P-channel MOSFET turns off and the
internal low-side N-channel MOSFET turns on. Now the
inductor releases the stored energy as its current ramps
down while still providing current to the output. The output
capacitor stores charge when the inductor current
exceeds the load current and discharges when the
inductor current is lower, smoothing the voltage across
the load. Under overload conditions, when the inductor
current exceeds the current limit, the high-side MOSFET
is turned off and the low-side MOSFET remains on for
the remainder of the cycle to let the inductor current
ramp down.
Pulse-Group Mode
Pulse-group mode is used to minimize the supply cur-
rent with a light load. In pulse-group mode, the IC shuts
off most internal circuitry when VOUT is +0.8% above
nominal regulation. When VOUT drops below +0.8% of
the nominal regulation voltage, the IC powers up its cir-
cuits and resumes switching.
Pulse-Skip Mode
Pulse-skip mode is also used to minimize the supply
current with a light load. The difference between pulse-
group and pulse-skip modes is that when VOUT rises
above the +0.8% regulation point, pulse-group mode
stops switching and completely turns off a number of
circuits. Under the same conditions, pulse-skip mode
stops switching but leaves all circuits on. The delay
coming out of pulse-skip mode is shorter than with
pulse-group mode. In pulse-skip mode, the output volt-
age ripple is lower, and the load-transient response
faster. However, the quiescent current is higher than in
pulse-group mode.
Forced-PWM Mode
In forced-PWM mode, the MAX1572 operates at a con-
stant 2MHz switching frequency without pulse skipping.
This is desirable in noise-sensitive applications, since the
output ripple is minimized and has a predictable noise
spectrum. Forced-PWM mode requires higher supply
current with light loads due to constant switching.
100% Duty-Cycle Operation
The MAX1572 can operate at 100% duty cycle. In this
state, the high-side P-channel MOSFET is turned on (not
switching). This occurs when the input voltage is close to
the output voltage. The dropout voltage is the voltage
drop due to the output current across the on-resistance
of the internal P-channel MOSFET (RDS(ON)P) and the
inductor resistance (RL):
VDROPOUT = IOUT
× ( RDS(ON)P + RL )
RDS(ON)P is given in the Electrical Characteristics sec-
tion. RL, for a few recommended inductors, is given in
Table 2.
Load-Transient Response/
Voltage Positioning
The MAX1572 uses voltage positioning that matches
the load regulation to the voltage droop seen during
load transients. In this way, the output voltage does not
overshoot when the load is removed, which results in
the total output-voltage variation being half as wide as
in a conventional design. Figure 2 shows an example of
a voltage-positioned and a nonvoltage-positioned load
transient. Additionally, the MAX1572 uses a wide-band-
width feedback loop to respond more quickly to a load
transient than regulators using conventional integrating
feedback loops.
The load line used to achieve voltage positioning is
shown in Figure 3. This assumes a nominal operating
point of 3.6V input at 300mA load.


Similar Part No. - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1573 MAXIM-MAX1573 Datasheet
345Kb / 4P
   MAX1573 Evaluation Kit
Rev 1; 4/04
More results

Similar Description - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com