Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1583 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1583
Description  MAX1583 Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1583 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1583 Datasheet HTML 1Page - Maxim Integrated Products MAX1583 Datasheet HTML 2Page - Maxim Integrated Products MAX1583 Datasheet HTML 3Page - Maxim Integrated Products MAX1583 Datasheet HTML 4Page - Maxim Integrated Products MAX1583 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Changing the Strobe Pulse Width
The MAX1583 EV kit includes a pulse generator for con-
venience in evaluating the strobe function of the
MAX1583. The strobe pulse width is determined by C4.
To change the pulse width of the strobe, replace C4 with
a capacitor corresponding to the following equation:
The minimum pulse width of the pulse generator is
1ms. Using a strobe pulse longer than 30ms may
require a larger output reservoir capacitance (C2).
Refer to the Reservoir Capacitance vs. Current Limit
section in the MAX1583 data sheet for details on calcu-
lating the required capacitance.
C
ts
PULSE
4
275
273 10
6
=
×
µ
.
MAX1583 Evaluation Kit
_______________________________________________________________________________________
3
JU2 POSITION
EN1
JU1 POSITION
EN2
MAX1583 OUTPUT
1 and 2
Connected to VIN
1 and 2
Connected to VIN
Strobe Mode
1 and 2
Connected to VIN
2 and 3
Connected to GND
Movie Mode
2 and 3
Connected to GND
1 and 2
Connected to VIN
Precharge Mode
2 and 3
Connected to GND
2 and 3
Connected to GND
Shutdown Mode
Table 1. JU1 and JU2 Functions (Dimming Control)
Component Suppliers
SUPPLIER
COMPONENT
PHONE
WEBSITE
Diodes, Inc.
Schottky Diode
805-440-4800
www.diodes.com
Nichia
LEDs
717-285-2323
www.nichia.com
Panasonic
Resistors
714-373-7366
www.maco.panasonic.co.jp
Taiyo Yuden
Capacitors
408-573-4150
www.t-yuden.com
TDK
Capacitors
888-835-6646
www.component.tdk.com
Note: Indicate that you are using the MAX1583 when contacting these suppliers.


Similar Part No. - MAX1583

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1584 MAXIM-MAX1584 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
More results

Similar Description - MAX1583

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com