Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M374S3323ETU-C7A Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M374S3323ETU-C7A
Description  SDRAM Unbuffered Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M374S3323ETU-C7A Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M374S3323ETU-C7A Datasheet HTML 5Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 6Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 7Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 8Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 9Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 10Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 11Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 12Page - Samsung semiconductor M374S3323ETU-C7A Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
64MB, 128MB, 256MB Unbuffered DIMM
Rev. 1.3 February 2004
SDRAM
FUNCTIONAL BLOCK DIAGRAM
256MB, 32Mx64 Non ECC Module (M366S3323ETS(U)) (Populated as 2 bank of x8 SDRAM Module)
A0 ~ A11, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U7
10
DQn
Every DQpin of SDRAM
DQM0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS
CS0
U4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS
DQM1
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS
U5
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM CS
DQM5
DQM4
DQM2
U2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS
CS2
U6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS
DQM3
U3
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS
U7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS
DQM7
DQM6
U8
DQM
CS
U9
DQM
CS
U10
DQM
CS
U11
DQM
CS
U12
DQM
CS
U13
DQM CS
U14
DQM
CS
U15
DQM
CS
CS1
CS3
CKE1
SDRAM U8 ~ U15
10K
VDD
VDD
Vss
Two 0.1uF Capacitors
per each SDRAM
To all SDRAMs
U0/U1/U2/U3
U4/U5/U6/U7
10
CLK0/1/2/3
U8/U9/U10/U11
U12/U13/U14/U15
3.3pF
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7


Similar Part No. - M374S3323ETU-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M374S3323FTS-C7A SAMSUNG-M374S3323FTS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S3323FTU-C7A SAMSUNG-M374S3323FTU-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S3323IUS SAMSUNG-M374S3323IUS Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M374S3323ETU-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com