Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4514RM13TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4514RM13TR
Description  4 TO 16 LINE DECODER/LATCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4514RM13TR Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4514RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4514RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M74HC4514
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
25
6.0
7
13
16
23
tPLH tPHL Propagation Delay
Time
(DATA - Sn)
2.0
65
175
220
230
ns
4.5
22
35
44
56
6.0
19
30
37
45
tPLH tPHL Propagation Delay
Time
(STROBE- Sn.)
2.0
75
175
220
260
ns
4.5
24
35
44
56
6.0
20
30
37
45
tPLH tPHL Propagation Delay
Time
(INHIBIT - Sn)
2.0
60
175
220
260
ns
4.5
20
35
44
56
6.0
17
30
37
45
tW(L)
Minimum Pulse
Width
(STROBE)
2.0
14
75
95
110
ns
4.5
6
15
19
26
6.0
6
13
16
23
ts
Minimum Set Up
Time
(DATA)
2.0
10
50
65
80
ns
4.5
2
10
13
20
6.0
1
9
11
17
th
Minimum Hold
Time
(DATA)
2.0
5
5
5
ns
4.5
5
5
5
6.0
5
5
5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
510
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
61
pF


Similar Part No. - M74HC4514RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
M74HC4514B1R STMICROELECTRONICS-M74HC4514B1R Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
M74HC4514B1R STMICROELECTRONICS-M74HC4514B1R Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514M1R STMICROELECTRONICS-M74HC4514M1R Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
M74HC4514M1R STMICROELECTRONICS-M74HC4514M1R Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
More results

Similar Description - M74HC4514RM13TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
   4-to-16 Line Decoder with Latch
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
   4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com