Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2604 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2604
Description  Triple-band VCO for GSM900/DCS1800/PCS1900
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2604 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2604 Datasheet HTML 1Page - National Semiconductor (TI) LMX2604 Datasheet HTML 2Page - National Semiconductor (TI) LMX2604 Datasheet HTML 3Page - National Semiconductor (TI) LMX2604 Datasheet HTML 4Page - National Semiconductor (TI) LMX2604 Datasheet HTML 5Page - National Semiconductor (TI) LMX2604 Datasheet HTML 6Page - National Semiconductor (TI) LMX2604 Datasheet HTML 7Page - National Semiconductor (TI) LMX2604 Datasheet HTML 8Page - National Semiconductor (TI) LMX2604 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
20-Pin 4x4 LLP (TM) Package
20066102
Pin Descriptions
Pin Number
Name
I/O
Description
1
CE
I
Chip enable input pin. High=enable, Low=disable
2,4,15
GND (Note 1)
Ground pins
3
MIXout
O
Mixer output pin (RF output)
5
BSW
I
Band switch input pin. High=DCS/PCS, Low=GSM
11,19
VDD
Supply voltage pins
12
GSMout
O
RF output pin for VCO in GSM band
13
DCSPCSout
O
RF output pin for VCO in DCS and PCS band
16
CPin
I
Charge pump input pin
6,7,8,9,10,14,17,18,20
NC
No Connection, These pins must be left open
Note 1: The exposed die attach pad is grounded.
Ordering Information
Package
Part Number
Package Marking
Media Transport
NSC Drawing
20-Pin LLP
LMX2604LQ
LMX2604LQ
1000 Unit Tape and Reel
LQA20A
20-Pin LLP
LMX2604LQX
LMX2604LQ
4500 Unit Tape and Reel
LQA20A
www.national.com
2


Similar Part No. - LMX2604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2604 TI1-LMX2604 Datasheet
312Kb / 15P
[Old version datasheet]   Triple-band VCO
More results

Similar Description - LMX2604

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Skyworks Solutions Inc.
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
   GSM/DCS1800/PCS1900 Baseband Processing Chipset
REV. 0
logo
Texas Instruments
LMX2604 TI1-LMX2604 Datasheet
312Kb / 15P
[Old version datasheet]   Triple-band VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com