Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863420B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC863420B
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863420B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863420B Datasheet HTML 6Page - Sanyo Semicon Device LC863420B Datasheet HTML 7Page - Sanyo Semicon Device LC863420B Datasheet HTML 8Page - Sanyo Semicon Device LC863420B Datasheet HTML 9Page - Sanyo Semicon Device LC863420B Datasheet HTML 10Page - Sanyo Semicon Device LC863420B Datasheet HTML 11Page - Sanyo Semicon Device LC863420B Datasheet HTML 12Page - Sanyo Semicon Device LC863420B Datasheet HTML 13Page - Sanyo Semicon Device LC863420B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LC863448B/40B/32B/28B/24B/20B/16B
No.7935-10/17
Continued from preceding page.
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
VIL(1)
Port 0
Output disable
4.5 to 5.5
VSS
0.2VDD
VIL(2)
• Ports 1, 3 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
• HS, VS, RES
(Schumitt)
Output disable
4.5 to 5.5
VSS
0.25VDD
Low level input
voltage
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VSS
0.6VDD
V
CVIN
VCVIN
CVIN
5.0
0.7Vp-p
1Vp-p
1.4Vp-p
Vp-p*
tCYC(1)
• All functions operating
4.5 to 5.5
0.844
0.848
0.852
Operation cycle time
tCYC(2)
• OSD and Data slicer are
not operating
4.5 to 5.5
0.844
400
µs
Oscillation
frequency range
FmRC
Internal RC oscillation
4.5 to 5.5
0.4
0.8
3.0
MHz
* Vp-p : Peak-to-peak voltage
Electrical Characteristics / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 3, 7
• Output disable
• Pull-up MOS Tr. OFF
• VIN = VDD
(Including the off-leak current of
the output Tr.)
4.5 to 5.5
1
High level input
current
IIH(2)
• RES
• HS, VS
• VIN = VDD
4.5 to 5.5
1
IIL(1)
Ports 0, 1, 3, 7
• Output disable
• Pull-up MOS Tr. OFF
• VIN = VSS
(Including the off- leak current of
the output Tr.)
4.5 to 5.5
-1
Low level input
current
IIL(2)
• RES
• HS, VS
VIN = VSS
4.5 to 5.5
-1
µA
VOH(1)
• CMOS output of
ports 0, 1, 3,
71 to 73
IOH = -1.0mA
4.5 to 5.5
VDD-1
High level
output voltage
VOH(2)
R, G, B, BL
IOH = -0.1mA
R. G. B : digital mode
4.5 to 5.5
VDD-0.5
VOL(1)
Ports 0, 1, 3, 71 to 73
IOL = 10mA
4.5 to 5.5
1.5
VOL(2)
Ports 0, 3, 71 to 73
IOL = 1.6mA
4.5 to 5.5
0.4
VOL(3)
• R, G, B, BL
• Port 1
IOL = 3.0mA
R. G. B : digital mode
4.5 to 5.5
0.4
Low level
output voltage
VOL(4)
Port 70
IOL = 1mA
4.5 to 5.5
0.4
V
Pull-up MOS
Tr. resistance
Rpu
• Ports 0, 1, 3, 7
VOH = 0.9VDD
4.5 to 5.5
13
38
80
k
Bus terminal
short circuit
resistance
(SCL0 to SCL1,
SDA0 to SDA1)
RBS
• P10 to P12
• P11 to P13
4.5 to 5.5
130
300
Hysteresis
voltage
VHIS
• Ports 1, 3, 7
• RES
• HS, VS
Output disable
4.5 to 5.5
0.1VDD
Input clump
voltage
VCLMP
CVIN
5.0
2.3
2.5
2.7
V
Pin
capacitance
CP
All pins
• f = 1MHz
• Every other terminals are
connected to VSS.
• Ta = 25°C
4.5 to 5.5
10
pF


Similar Part No. - LC863420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863420A SANYO-LC863420A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863420C SANYO-LC863420C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863420B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com