Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11690 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11690
Description  Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11690 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11690 Datasheet HTML 1Page - Sanyo Semicon Device LB11690 Datasheet HTML 2Page - Sanyo Semicon Device LB11690 Datasheet HTML 3Page - Sanyo Semicon Device LB11690 Datasheet HTML 4Page - Sanyo Semicon Device LB11690 Datasheet HTML 5Page - Sanyo Semicon Device LB11690 Datasheet HTML 6Page - Sanyo Semicon Device LB11690 Datasheet HTML 7Page - Sanyo Semicon Device LB11690 Datasheet HTML 8Page - Sanyo Semicon Device LB11690 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Ordering number : ENN7543
13004TN (OT) No. 7543-1/19
Overview
The LB11690 and LB11690H are three-phase bipolar
PWM drive pre-driver ICs that allow the output circuits to
be implemented using only n-channel FETs. These ICs
can implement, at low cost, high-efficiency drive circuits
in applications that use motors that require high drive
currents. These ICs include a built-in Hall sensor signal
F/V conversion circuit and can provide a voltage that is
proportional to motor speed for use, for example, in
speedometers for electric bicycles. These ICs also support
use in applications that holds the speed controlled at a
constant rate as the load varies.
Functions and Features
• Three-phase bipolar PWM drive (high and low side
n-channel FET drive)
• Maximum supply voltage: 45 V
• Gate drive voltage: about 10 V (high and low side
n-channel FETs)
• Hall sensor signal F/V conversion circuit (one-shot
multivibrator output)
• Synthesized three-phase Hall sensor signal output
• Built-in current limiter and undervoltage protection
circuits
Package Dimensions
unit: mm
3196A-DIP30SD
3235A-HSOP36
(1.04)
1.78
0.95
0.48
115
30
16
27.0
SANYO: DIP30SD (400 mil)
[LB11690]
(6.2)
36
1
0.8
17.8
2.7
0.3
0.25
(0.5)
2.0
SANYO: HSOP36 (375 mil)
[LB11690H]
LB11690, 11690H
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Pre-Driver IC for Brushless Motor Drive
in Electric Bicycles
Monolithic digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LB11690

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Similar Description - LB11690

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com