Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-573YD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-573YD
Description  5.0mm Dia CYLINDRICAL LED LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-573YD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-573YD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-573XX
5.0mm Dia CYLINDRICAL LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-573HD
GaP
Red
Red Diffused
700
2.1
2.8
4.0
100
L-573GD
GaP
Green
Green Diffused
565
2.1
2.8
8.0
100
L-573YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
8.0
100
L-573ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
15.0
100
L-573SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
80.0
100
L-593XX
5.0mm Dia LOW PROFILE LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-593HD
GaP
Red
Red Diffused
700
2.1
2.8
10.0
60
L-593GD
GaP
Green
Green Diffused
565
2.1
2.8
20.0
60
L-593YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
20.0
60
L-593ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
25.0
60
L-593SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
150
60
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - L-573YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L-57EGW KINGBRIGHT-L-57EGW Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L-57EYW KINGBRIGHT-L-57EYW Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L-57GGD KINGBRIGHT-L-57GGD Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L-57GYW KINGBRIGHT-L-57GYW Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
More results

Similar Description - L-573YD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-503XX ETC1-L-503XX Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-H512XXXX ETC1-L-H512XXXX Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
logo
Everlight Electronics C...
423-2UYC-S530-A6 EVERLIGHT-423-2UYC-S530-A6_15 Datasheet
114Kb / 5P
   5.0mm Cylindrical Type LED Lamps
3423SURD EVERLIGHT-3423SURD Datasheet
132Kb / 6P
   5.0mm Cylindrical Type LED Lamps
423-2ASUBC EVERLIGHT-423-2ASUBC Datasheet
88Kb / 6P
   5.0mm Cylindrical Type LED Lamps
logo
List of Unclassifed Man...
L-833 ETC-L-833 Datasheet
99Kb / 1P
   10.0mm Dia LED LAMP
logo
BetLux Electronics
BL-L342SRC BETLUX-BL-L342SRC Datasheet
72Kb / 3P
   Cylindrical LED lamp
BL-L344SRC BETLUX-BL-L344SRC Datasheet
71Kb / 3P
   Cylindrical LED lamp
logo
Marktech Corporate
MT5300-UG MARKTECH-MT5300-UG Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-BLS MARKTECH-MT5150-BLS Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com