Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A321800M-QC14 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K7A321800M-QC14
Description  1Mx36 & 2Mx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A321800M-QC14 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K7A321800M-QC14 Datasheet HTML 4Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 5Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 6Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 7Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 8Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 9Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 10Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 11Page - Samsung semiconductor K7A321800M-QC14 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1Mx36 & 2Mx18 Synchronous SRAM
- 8 -
Rev 2.0
Nov. 2003
K7A321800M
K7A323600M
CAPACITANCE*(TA=25
°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF
OPERATING CONDITIONS at 3.3V I/O(0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
3.135
3.3
3.465
V
Ground
VSS
0
0
0
V
OPERATING CONDITIONS at 2.5V I/O(0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
2.375
2.5
2.9
V
Ground
VSS
0
0
0
V
ABSOLUTE MAXIMUM RATINGS*
*Note : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.3 to VDD+0.3
V
Voltage on I/O Pin Relative to VSS
VIO
-0.3 to VDDQ+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TOPR
0 to 70
°C
Industrial
TOPR
-40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C


Similar Part No. - K7A321800M-QC14

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A321800M-QC14 SAMSUNG-K7A321800M-QC14 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
More results

Similar Description - K7A321800M-QC14

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B323635C SAMSUNG-K7B323635C Datasheet
443Kb / 20P
   1Mx36 & 2Mx18 Synchronous SRAM
K7B323625M SAMSUNG-K7B323625M Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com