Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKL162-04 Datasheet(PDF) 10 Page - International Rectifier

Part # IRKL162-04
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL162-04 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRKL162-04 Datasheet HTML 4Page - International Rectifier IRKL162-04 Datasheet HTML 5Page - International Rectifier IRKL162-04 Datasheet HTML 6Page - International Rectifier IRKL162-04 Datasheet HTML 7Page - International Rectifier IRKL162-04 Datasheet HTML 8Page - International Rectifier IRKL162-04 Datasheet HTML 9Page - International Rectifier IRKL162-04 Datasheet HTML 10Page - International Rectifier IRKL162-04 Datasheet HTML 11Page - International Rectifier IRKL162-04 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRK.136, .142, .162 Series
10
Bulletin I27117 rev. C 03/02
www.irf.com
02 5
5 0
7 5
1 0 0
1 2 5
M a xim um A llo w a b le A m b ient Te m p era ture ( C )
0 .2
K /W
0.0
8
K/W
0 .1
2 K
/W
0.6 K /W
0.3 K/
W
02 5
50
75
10 0
12 5
M axim um A llo w a ble A m b ient Temperature ( C )
0.0
8
K/
W
0.2
K /W
1 K /W
0.6 K/W
0.4 K/
W
0.1
2
K/
W
0.3
K /W
025
5 0
7 5
1 0 0
1 2 5
M axim um A llo w ab le Am b ie nt Tem p era ture ( C )
0.0
8
K/
W
0.1
K /W
0.16
K/W
0.2 K
/W
Fig.25 - On State Power Loss Characteristics
Fig.26 - On State Power Loss Characteristics
Fig.27- On State Power Loss Characteristics
0
250
500
750
10 00
12 50
15 00
0
50 1 0 0 15 0 2 00 25 0 3 0 0 3 5 0 4 00 4 50
To ta l Output C urrent (A)
120
(Rect)
3 x IRK.162.. Series
Three Phase Brid ge
C o nnected
T
= 12 5 C
J
0
100
200
300
400
500
600
700
800
900
0
5 0
1 0 0
15 0
20 0
25 0
3 00
To ta l O utput C urrent (A)
2 x IRK.162.. Series
Single Phase Brid ge
C o nnected
T
= 125 C
J
180
(Sin e )
180
(Re ct)
0
100
200
300
400
500
600
0
100
200
300
400
180
120
90
60
30
To ta l RM S O ut p ut C urre n t (A )
Conductio n An gle
IRK .162.. Se rie s
Pe r M o dule
T
= 125 C
J


Similar Part No. - IRKL162-04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL170-14D20 IRF-IRKL170-14D20 Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
IRKL170-16D25 IRF-IRKL170-16D25 Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
More results

Similar Description - IRKL162-04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com