Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7B321825M-QC75 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7B321825M-QC75
Description  1Mx36 & 2Mx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B321825M-QC75 Datasheet(HTML) 5 Page - Samsung semiconductor

  K7B321825M-QC75 Datasheet HTML 1Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 2Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 3Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 4Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 5Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 6Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 7Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 8Page - Samsung semiconductor K7B321825M-QC75 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1Mx36 & 2Mx18 Synchronous SRAM
- 5 -
Rev 2.0
Nov. 2003
K7A321800M
K7A323600M
PIN CONFIGURATION(TOP VIEW)
PIN NAME
Note : 1. A 0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A20
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx(x=a,b)
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,39
42,43,44,45,46,47,48,
49,50 80,81,82,99,100
83
84
85
89
98
97
92
93,94
86
88
87
64
31
VDD
VSS
N.C.
DQa0 ~ a 7
DQb0 ~ b 7
DQPa, Pb
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
15,41,65,91
17,40,67,90
1,2,3,6,7,14,16,25,28,29
30,38,51,52,53,56,57
66,75,78,79,95,96
58,59,62,63,68,69,72,73
8,9,12,13,18,19,22,23
74,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
N.C.
VDD
N.C.
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQPb
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQPa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
N.C.
VDD
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
A10
K7A321800M(2Mx18)


Similar Part No. - K7B321825M-QC75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B321825M-QC75 SAMSUNG-K7B321825M-QC75 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
More results

Similar Description - K7B321825M-QC75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B323635C SAMSUNG-K7B323635C Datasheet
443Kb / 20P
   1Mx36 & 2Mx18 Synchronous SRAM
K7B323625M SAMSUNG-K7B323625M Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com