Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H510438 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4H510438
Description  512Mb B-die DDR SDRAM Specification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H510438 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4H510438 Datasheet HTML 2Page - Samsung semiconductor K4H510438 Datasheet HTML 3Page - Samsung semiconductor K4H510438 Datasheet HTML 4Page - Samsung semiconductor K4H510438 Datasheet HTML 5Page - Samsung semiconductor K4H510438 Datasheet HTML 6Page - Samsung semiconductor K4H510438 Datasheet HTML 7Page - Samsung semiconductor K4H510438 Datasheet HTML 8Page - Samsung semiconductor K4H510438 Datasheet HTML 9Page - Samsung semiconductor K4H510438 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Rev. 1.3 June. 2005
DDR SDRAM
DDR SDRAM 512Mb B-die (x4, x8, x16)
Units : Millimeters
0.30±0.08
0.65TYP
(0.71)
22.22±0.10
0.125
0×~8×
#1
#33
#66
#34
(1.50)
0.65±0.08
(10×)
(10×)
+0.075
-0.035
0.10 MAX
0.075 MAX
[]
(10×)
(10×)
(R0.1
5)
0.25TYP
NOTE
1. (
) IS REFERENCE
2. [
] IS ASS’Y OUT QUALITY
66pin TSOPII / Package dimension
5.0 Package Physical Dimension


Similar Part No. - K4H510438

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H510438A-TCA0 SAMSUNG-K4H510438A-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510438A-TCA2 SAMSUNG-K4H510438A-TCA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510438A-TCB0 SAMSUNG-K4H510438A-TCB0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510438A-TLA0 SAMSUNG-K4H510438A-TLA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510438A-TLA2 SAMSUNG-K4H510438A-TLA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H510438

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
K4H510438D SAMSUNG-K4H510438D Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H510838B-N SAMSUNG-K4H510838B-N Datasheet
353Kb / 24P
   512Mb B-die DDR SDRAM Specification 54 sTSOP-II (400mil x 441mil)
K4H510738E SAMSUNG-K4H510738E Datasheet
191Kb / 22P
   Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com